Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68EC000FU12 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68EC000FU12
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EC000FU12 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68EC000FU12 Datasheet HTML 1Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 2Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 3Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 4Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 5Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 6Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 7Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 8Page - Motorola, Inc MC68EC000FU12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
2.0 SIGNAL DESCRIPTION
Change Figure 3-3 on Page 3-2.
Figure 1. Input and Output Signals (MC68EC000 and MC68SEC000)
2.1 Data Bus (D15-D0)
In Section 3.2 on page 3-4, replace “The MC68EC000 and MC68HC001 use D7-D0 in 8-bit mode, and D15-
D8 are undefined.” with “Using the MC68HC001, MC68EC000, and MC68SEC000 mode pin, you can
statically select either 8- or 16-bit modes for data transfer. The MC68EC000, MC68SEC000, and
MC68HC001 use D7-D0 in 8-bit mode. D15-D8 are undefined.”
2.2 Bus Arbitration Control
In Section 3.4 on page 3-5, the sentence “In the 48-pin version of the MC68008 and MC68EC000, no pin is
available for the bus grant acknowledge signal; this microprocessor uses a two-wire bus arbitration
scheme.” should read “In the 64-pin MC68EC000 and MC68SEC000, no pin is available for the bus grant
acknowledge signal. These microprocessors use a two-wire bus arbitration scheme.”
2.3 System Control
The Mode subsection heading of Section 3.6 on page 3-7 should read ‘‘Mode (MODE) (MC68HC001/
68EC000/68SEC000).’’
2.4 MC68SEC000 Low-Power Mode
Add the following to Sections 4 and 5, Bus Operation.
The MC68SEC000 has been redesigned to provide fully static- and low-power operation. This section
describes the recommended method for placing the MC68SEC000 into a low-power mode to reduce the
ADDRESS BUS
DATA BUS
ASYNCHRONOUS
BUS CONTROL
BUS ARBITRATION
CONTROL
INTERRUPT
CONTROL
PROCESSOR
STATUS
A23-A0
D15-D0
AS
R/W
UDS
LDS
DTACK
BERR
RESET
HALT
MODE
SYSTEM
CONTROL
VCC
GND
CLK
MC68SEC000
FC0
FC1
FC2
IPL0
IPL1
IPL2
AVEC
BR
BG


Similar Part No. - MC68EC000FU12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000 MOTOROLA-MC68EC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68EC000 FREESCALE-MC68EC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68EC000D MOTOROLA-MC68EC000D Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
More results

Similar Description - MC68EC000FU12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com