Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130-ATB5T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM7130-ATB5T
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-ATB5T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM7130-ATB5T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-ATB5T Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7
GM7130
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Electrical Characteristics: All Output Voltage Versions
(Specifications with standard type face are for TJ = 25℃, and those with bold face type apply over full Operating Temperature
rage. Unless otherwise specified, VIN = 12V for 3.3V, 5.0V and Adj version, VIN = 25V for 12V version, ILOAD = 500mA)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
100
Feedback Bias
Current
VOUT =5V (Adjustable Version Only)
Ib
-
50
500
nA
fo
47
58
Oscillator
Frequency
(Note 3)
42
52
63
kHz
1.8
Saturation
Voltage
lOUT = 3A (Notes 4, 5)
VSAT
-
1.4
2.0
V
Max Duty Cycle
(ON)
(Note 5)
DC
93
98
-
%
4.2
6.9
Current Limit
Peak Current (Notes 4, 5)
lCL
3.5
5.8
7.5
A
Output =0V (Notes 4, 6)
2
Output Leakage
Current
Output = -1V (Notes 4, 6)
lL
-
7.5
30
mA
Quiescent
Current
(Note 6)
lQ
-
5
10
mA
Standby
Quiescent
Current
= 5V (OFF)
lSTBY
-
50
200
µA
1.0
Low (ON)
VIH
-
1.2
0.8
2.2
Pin Logic lnput
Level
High (OFF)
VIL
2.4
1.4
-
V
VLOGlC = 2.5V (OFF)
IH
12
30
µA
VLOGlC = 0.5V (ON)
IL
0
10
Note 1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Note 2: The human body model is a 100pF capacitor discharge through a 1.5KΩ resistor into each pin.
Note 3: External components such as the catch diode, inductor, input and output capacitors, and voltage
programming resistors can affect switching regulator system performance. Where the GM2576
is used as shown in Figure 1&2 test circuits.
Note 4: No diode, inductor or capacitor connected to output pin.
Note 5: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 6: Feedback pin removed from output and connected to 12V for the 3.V, 5V and Adj version, to
force the output transistor switch OFF.
ON/OFF
ON/OFF
ON/OFF Pin
Input Current


Similar Part No. - GM7130-ATB5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-ATB5T ETC1-GM7130-ATB5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-ATB5T GAMMA-GM7130-ATB5T Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-ATB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com