Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-2.8ST89R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM6251-2.8ST89R
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6251-2.8ST89R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM6251-2.8ST89R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6251-2.8ST89R Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
6
GM6251
300mA ULTR LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Electrical Characteristics (TA = 25℃, VIN = VOUT + 1V unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
GM6251-1.8
1.764
1.800
1.836
GM6251-2.5
2.450
2.500
2.550
GM6251-2.7
2.646
2.700
2.754
GM6251-2.8
2,744
2.800
2.856
GM6251-3.0
2.940
3.000
3.060
GM6251-3.2
3.136
3.200
3.264
GM6251-3.3
3.234
3.300
3.366
GM6251-3.5
3.430
3.500
3.570
GM6251-3.6
3.528
3.600
3.672
GM6251-4.0
3.920
4.000
4.080
GM6251-4.4
4.312
4.400
4.488
GM6251-4.5
4.410
4.500
4.590
Output Voltage
GM6251-5.0
VOUT
IOUT = 40mA, VIN = VOUT + 1V
4.900
5.000
5.100
V
Line Regulation
∆VOI
IOUT = 40mA,
VOUT + 1V < VIN < 10V
0.2
0.3
%/V
Load Regulation
∆VOL
1mA
< IOUT < 80mA
0.02
0.03
%/mA
VOUT > 2.5V
0.4
0.7
2.0V
< VOUT < 2.5V
0.55
0.85
Dropout
Voltage
VOUT < 2.0V
∆V
IOUT = 180mA
0.9
1.3
V
Current Consumption
IQ
1.0
2.9
µA
Output Current Limit
ICL
500
mA


Similar Part No. - GM6251-2.8ST89R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251-2.8ST89R ETC2-GM6251-2.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-2.8ST89R GAMMA-GM6251-2.8ST89R Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-2.8ST89R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250 GAMMA-GM6250 Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com