Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-2.8T92B Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM6251-2.8T92B
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6251-2.8T92B Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM6251-2.8T92B Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6251-2.8T92B Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
2
GM6251
300mA ULTR LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Marking Information and Pin Configurations (Top View)
SOT25
TO92
SOT89
V: Voltage Code (see next page)
VV: Voltage suffix (18 = 1.8V, 50 = 5.0V…)
Y: Year
W: Week code
WW: Week
GM6251
VVAYWW
1
VOUT
2
VSS
3
VIN
FAVYW
1
VIN
VOUT
5
2
VSS
6251
VV
AYWW
1
VOUT
2
VSS
3
VIN
NC
4
3
NC


Similar Part No. - GM6251-2.8T92B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251-2.8T92B ETC2-GM6251-2.8T92B Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-2.8T92B GAMMA-GM6251-2.8T92B Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-2.8T92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250 GAMMA-GM6250 Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com