Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7109-AS8R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM7109-AS8R
Description  150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7109-AS8R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

  GM7109-AS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
GM7109
150KHz, 2A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Package Outline Dimensions – SO 8
(0.356 - 0.508)
(0.406 - 0.270)
0.016 - 0.050
D
0.189 - 0.197
(4.800 - 5.004)
SEATING PLAN
0.014 - 0.020
0.150 - 0.157
(3.810 - 3.988)
0.008 - 0.010
(0.203 - 0.254)
8.0
MAX
0.053 - 0.059
(1.346 - 1.753)
0.004 - 0.010
0.228 - 0.244
(5.791 - 6.198)
0.050
(1.270)
TYP
(0.012 - 0.254)
Package Outline Dimensions – PSO 8
(0.356 - 0.508)
SEATING PLAN
0.014 - 0.020
(0.406 - 0.270)
0.016 - 0.050
0.053 - 0.059
(1.346 - 1.753)
(0.012 - 0.254)
0.008 - 0.010
(0.203 - 0.254)
8.0
MAX
0.004 - 0.010
D
0.150 - 0.157
(3.810 - 3.988)
0.050
(1.270)
TYP
0.095 - 0.130
(2.410 - 3.300)
0.228 - 0.244
(5.791 - 6.198)
0.189 - 0.197
(4.800 - 5.004)
0.090
(2.286)


Similar Part No. - GM7109-AS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7109HV GAMMA-GM7109HV Datasheet
510Kb / 9P
   Standard ESOP8 package is available
More results

Similar Description - GM7109-AS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com