Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7109-AS8R Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM7109-AS8R
Description  150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7109-AS8R Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

  GM7109-AS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7109-AS8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
GM7109
150KHz, 2A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Figure 3. Switch Saturation Voltage
1.4
V
lN
=12V
1.3
1.2
1.1
T
J = - 40°C
1.0
0.9
0.8
125 °C
0.7
0.6
1
2
0
3
4
SWlTCH CURRENT (A)
25°
C
Figure 4. Switch Current Limit
5.5
V
OUT =5V
5.0
4.5
4.0
3.5
-50
-25
0
25
50
75
100 125
JUNCTlON TEMPERATURE (°C)
V
lN = 12V
Figure 5. Dropout Voltage
1.6
1.4
1.2
1.0
0.8
0.6
L = 33µH
RIND = 0.04
VOUT = VREG = 50mV
ILOAD = 2A
ILOAD = 1A
-50 -25
0
25
50
75
100
JUNCTION TEMPERATURE (°C)
Figure 6. Operating Quiescent Current
Switch ON
Switch OFF
24
20
16
12
8
4
0
-50 -25
0
25
50
75
100
JUNCTION TEMPERATURE (°C)
125
4.5V < VIN < 40V
ISWITCH = 0
Figure 8. Minimum Operating Supply Voltage
JUNCTION TEMPERATURE (°C)
-50 -25
0
25
50
75 100 125
VOUT = 1.23V
ILOAD = 120mA
5
4
3
2
1
0
Figure 9. SD Pin Current (Sinking)
0
5
10
15
20
25
SD PlN VOLTAGE(V)
VIN = 40V
TJ = -40°C and 125°C
8
6
5
4
3
2
7
1
0
Figure 10. Switching Frequency
JUNCTION TEMPERATURE (°C)
-50 -25
0
25
50
75 100 125
160
150
145
140
135
130
155
120
TJ = -40°C and 125°C
TJ = 25°C
VON/OFF = 5V
SUPPLY VOLTAGE (V)
150
80
60
40
20
0
0
10
20
30
40
100
Figure 7. Shutdown Quiescent Current
Typical Performance Characteristics


Similar Part No. - GM7109-AS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7109HV GAMMA-GM7109HV Datasheet
510Kb / 9P
   Standard ESOP8 package is available
More results

Similar Description - GM7109-AS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com