Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7109 Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM7109
Description  150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7109 Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM7109 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7109 Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
GM7109
150KHz, 2A STEP DOWN VOLTAGE
SWITCHING REGULATORS
www.gammamicro.com.tw
Application
Pre-regulator for linear regulators
High-efficiency step-down buck regulator
On-card/board switching regulators
Positive to negative converter (buck-boost)
LCD Monitors
Description
GM7109 series is designed to provide all the
active function for a step-down (buck) switching
regulator, and drives a maximum load current as
high as 2A line and load regulations. GM7109 is
available in fixed output voltages of 3.3V, 5V,
and a versatile Adjustable output version.
These regulators are simple to use and require
minimum number of external components. The
features include internal frequency compensation
and a fixed-frequency oscillator.
The GM7109 is high-efficiency replacements for
popular three-terminal linear regulators, and is
requiring a smaller heat sink or even no need
heat sink.
GM7109 performs well with standard inductors
from most of manufacturers, and simplifying the
design of switch-mode power supplies. External
shutdown is included with 80 µA (typical) standby
current. The output switch has cycle-by-cycle
current limiting as well as thermal shutdown for
full protection under fault conditions.
GM7109 operates at a switching frequency of
150 kHz which allowing smaller size filter
components than what would be needed with
lower frequency switching regulators.
GM7109 series are available in a standard 8-lead
SO package or 8 lead SO package with heat
sink.
Features
Standard SOP8 & PSOP8 package
3.3V, 5V, and Adjustable output versions
Adjustable version output voltage range
1.23V to 37V
VOUT accuracy is to ±2% under specified
input voltage the output load conditions
Input voltage range up to 40V
Requires only 4 external components with
High efficiency
TTL shutdown capability, low power
standby mode
Built-in thermal shutdown, current limit
protection
Uses standard inductors
150 kHz fixed frequency internal oscillator
Typical Application Circuits
1
Unregulated
DC Input
CIN
680µF
VIN
GM7109-5.0
FB
Output
GND
L1
68µH
5V
regulated
outpu
t,
COUT
220µF
D1
1N5824
SD
1
3
2
4
5, 6, 7, 8


Similar Part No. - GM7109

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7109HV GAMMA-GM7109HV Datasheet
510Kb / 9P
   Standard ESOP8 package is available
More results

Similar Description - GM7109

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com