Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251 Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM6251
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6251 Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM6251 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6251 Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
10
GM6251
300mA ULTR LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Package Outline Dimensions – SOT 25
Package Outline Dimensions – SOT 89
0.084 - 0.090
(2.13 - 2.28)
8
(4.39 - 4.59)
0.173 - 0.181
0.067 - 0.072
(1.70 - 1.82)
0.155 - 0.167
(3.94 - 4.24)
0.035 - 0.047
(0.89 - 1.19)
0.090 - 0.120
(2.28 - 2.59)
0.016 - 0.019
(0.33 - 0.48)
0.118 BSC
(2.99) BSC
0.059 BSC
(1.49) BSC
0.055 - 0.063
0.015 - 0.017
(1.39 - 1.60)
(0.38 - 0.43)


Similar Part No. - GM6251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST25R ETC2-GM6251-1.8ST25R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-1.8ST25R GAMMA-GM6251-1.8ST25R Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST89R ETC2-GM6251-1.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250 GAMMA-GM6250 Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com