Part Name
         Description
L9D340G64BG2

 4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD) ( 155 Page)


LODEV
100% 
Zoom Out Zoom In
 38 page
background image
CK
CK#
t AON
VSSQ
DQ, DM
DQS, DQS#
Begin point: Rising edge of CK - CK#
defined by the end point of ODTL on
VSW1
End point: Extrapolated point at VSSQ
TSW1
TSW2
CK
CK#
VCCQ/2
t AOF
End point: Extrapolated point at VRTT_NOM
VRTT_NOM
VSSQ
t AON
t AOF
VSW2
VSW2
VSW1
TSW1
TSW1
Begin point: Rising edge of CK - CK#
defined by the end point of ODTL off
LOGIC Devices Incorporated
www.logicdevices.com
May 19, 2009 LDS-L9D340G6BG2-A
38
4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
PRELIMINARY INFORMATION
L9D340G64BG2
High Performance, Integrated Memory Module Product
PACKAGE OUTLINE DIMENSIONS
Symbol
Begin Point Definition
End Point Definition
Figure
tAON
tAOF
tAONPD
tAOFPD
tADC
TABLE 33: ODT TIMING DEFINITIONS
Figure 25 on page 60
Figure 25 on page 60
Figure 26 on page 61
Figure 26 on page 61
Figure 27 on page 62
Extrapolated point at VssQ
Extrapolated point at VRTT_NORM
Extrapolated point at VssQ
Extrapolated point at VRTT_NOM
Extrapolated points at VRTT_WR and VRTT_NOM
Rising edge of CK-CK\ defined by the end point of ODTL on
Rising edge of CK-CK\ defined by the end point of ODTL off
Rising edge of CK-CK\ with ODT first being registered HIGH
Rising edge of CK-CK\ with ODT first being registered LOW
Rising edge of CK-CK\ defined by the end point of ODTLCNW,
ODTLCWN4, or ODTLCWN8
PACKAGE OUTLINE DIMENSIONS
Parameter
RTT_NORM Setting
RTT_WR_Setting
VSW1
VSW2
tAON
tAOF
tAONPD
tAOFPD
tADC
TABLE 34: REFERENCE SETTINGS FOR ODT TIMING MEASUREMENTS
100mV
200mV
100mV
200mV
100mV
200mV
100mV
200mV
300mV
50mV
100mV
50mV
100mV
50mV
100mV
50mV
100mV
200mV
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
RZQ/2 (120Ω)
RZQ/4 (60Ω)
RZQ/12 (20Ω)
RZQ/4 (60Ω)
RZQ/12 (20Ω)
RZQ/4 (60Ω)
RZQ/12 (20Ω)
RZQ/4 (60Ω)
RZQ/12 (20Ω)
RZQ/12 (20Ω)
Measured
FIGURE 16 - tAON AND tAOF DEFINITIONS
ODT TIMING DEFINITIONS



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl