Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D340G64BG2 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # L9D340G64BG2
Description  4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D340G64BG2 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  L9D340G64BG2 Datasheet HTML 1Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 2Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 3Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 4Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 5Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 6Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
integrated module products
LOGIC Devices Incorporated
www.logicdevices.com
1
May 19, 2009 LDS-L9D340G6BG2-A
4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
PRELIMINARY INFORMATION
L9D340G64BG2
High Performance, Integrated Memory Module Product
DDR3 Integrated Module [iMOD]:
• Vcc=VccQ=1.5V ± 0.075V
• 1.5V center-terminated, push/pull
I/O
• Package: 16mm x 22mm, 13 x 21
matrix w/ 271balls
• Matrix ball pitch: 1.00mm
Space saving footprint
Thermally enhanced, Impedance
matched, integrated packaging
Differential, bidirectional data strobe
8n-bit prefetch architecture
8 internal banks (per word, 4 words
integrated in package)
Nominal and dynamic on-die termina-
tion (ODT) for data, strobe, and mask
signals.
CAS (READ) latency (CL): 6, 8, and
10
CAS (WRITE) latency (CWL): 6, 7
and 8
Fixed burst length (BL) of 8 and burst
chop (BC) of 4
Selectable BC4 or BL8 on-the-fly
(OTF)
FEATURES
Self/Auto Refresh modes
Operating Temperature Range (Case
Temp=Tc)
• Industrial: -40˚C to 85˚C supporting
SELF & AUTO REFRESH
• Extended: -40˚C to 105˚C; manual
REFRESH only
• Mil-Temp: -55˚C to 125˚C; manual
REFRESH only
CORE clocking frequencies:
• Industrial: 667MHz, 533MHz and
400MHz
• Extended: 533MHz and 400MHz
• Mil-Temp: 400MHz
Data Transfer Rates:
• Industrial: 1333, 1066 and 800
Mbps
• Extended: 1066 and 800 Mbps
• Mil-Temp: 800 Mbps
Write leveling
Multipurpose register
Output Driver Calibration
40% space savings while provid-
ing a surface mount friendly pitch
(1.00mm)
Reduced I/O routing (34%)
30% improvement in routings for your
memory array
Reduced trace lengths due to
the highly integrated, impedance
matched packaging
Thermally enhanced packaging
technology allow silicon integration
without performance degradation due
to power dissipation (heat)
High TCE organic laminate inter-
poser for improved glass stability
over a wide operating temperature
Suitability of use in High Reliability
applications requiring Mil-temp, non-
hermetic device operation
Benefits
*Note: This integrated product and/or its specifications
are subject to change without notice. Latest document
should be retrieved from LDI prior to your design
consideration.
ORDER NUMBER
SPEED GRADE
DEVICE GRADE
PKG FOOTPRINT
I/O
PITCH
PKG NO.
16mm x 22mm
271
DDR3-1333
DDR3-1066
DDR3-800
Industrial
Extended
Mil-Temp
L9D340G64BG2I15
L9D340G64BG2E19
L9D340G64BG2M25
iMOD Part Information
BG2
1.00mm


Similar Part No. - L9D340G64BG2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5E19 LODEV-L9D345G72BG5E19 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5I15 LODEV-L9D345G72BG5I15 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5M25 LODEV-L9D345G72BG5M25 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
More results

Similar Description - L9D340G64BG2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D364M64SBG2 LODEV-L9D364M64SBG2 Datasheet
3Mb / 159P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
L9D232M64SBG5 LODEV-L9D232M64SBG5 Datasheet
2Mb / 115P
   2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
logo
List of Unclassifed Man...
HX313C9FB-4 ETC2-HX313C9FB-4 Datasheet
426Kb / 2P
   4GB 512M x 64-Bit DDR3-1333
HX313C9FB-8 ETC2-HX313C9FB-8 Datasheet
390Kb / 2P
   8GB 1G x 64-Bit DDR3-1333
HX316C10F-8 ETC2-HX316C10F-8 Datasheet
393Kb / 2P
   8GB 1G x 64-Bit DDR3-1600
HX316C10FB-4 ETC2-HX316C10FB-4 Datasheet
427Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX316C10FB-8 ETC2-HX316C10FB-8 Datasheet
391Kb / 2P
   8GB 1G x 64-Bit DDR3-1600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com