Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-VVD106 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-VVD106
Description  GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 36 - 50 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-VVD106 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-VVD106 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
Note 1: Bypass caps should be 100 pF (approximately) ceramic (single-layer) placed no farther than 30 mils from the attenuator.
Note 2: Best performance obtained from use of <10 mil (long) by 1.5 by 0.5mil ribbons on input and output.
Note 3: Part can be biased from either side.
HMC-VVD106
v01.0209
GaAs PIN MMIC VOLTAGE-VARIABLE
ATTENUATOR, 36 - 50 GHz


Similar Part No. - HMC-VVD106

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-VVD102 HITTITE-HMC-VVD102 Datasheet
199Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 17 - 27 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
91Kb / 3P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
192Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104_09 Datasheet
192Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
More results

Similar Description - HMC-VVD106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC985 HITTITE-HMC985 Datasheet
926Kb / 10P
   Gaas mmic voltage - variable attenuator, 20 - 50 GHz
HMC-VVD102 HITTITE-HMC-VVD102 Datasheet
199Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 17 - 27 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
91Kb / 3P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104_09 Datasheet
192Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com