Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12RS684C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 12RS684C
Description  Through Hole Radial Lead Shielded Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

12RS684C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  12RS684C Datasheet HTML 1Page - Murata Power Solutions Inc. 12RS684C Datasheet HTML 2Page - Murata Power Solutions Inc. 12RS684C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_1200RSC_A01 Page 2 of 3
1200RS Series
Through Hole Radial Lead Shielded Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
Current, IDC (A)
Current, IDC (A)
Frequency, (kHz)
1
10
100
1000
001
10
1mH
100μH
10μH
0
10
20
30
40
50
60
01
2345
678
1mH
100μH
10μH
1
10
100
1000
10000
10
100
1000
10000
1mH
100μH
10μH


Similar Part No. - 12RS684C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12R0J OHMITE-12R0J Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
logo
Solid States Devices, I...
12R3S SSDI-12R3S Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
12R3SS SSDI-12R3SS Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
12R3STX SSDI-12R3STX Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
12R3STXV SSDI-12R3STXV Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results

Similar Description - 12RS684C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
1200LRS MURATA-PS-1200LRS Datasheet
134Kb / 3P
   Through Hole Radial Lead Shielded Inductors
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
   SHIELDED RADIAL LEAD INDUCTORS
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
   THROUGH-HOLE MOLDED SHIELDED INDUCTORS
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
   Shielded Radial Inductors
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
   Radial Shielded Inductors
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
   Radial Shielded Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com