Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM5510C-2.0ST23RG Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM5510C-2.0ST23RG
Description  STANDARD VOLTAGE DETECTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510C-2.0ST23RG Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM5510C-2.0ST23RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM5510C-2.0ST23RG Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
GM5510
STANDARD
VOLTAGE DETECTOR
INPUT VOLTAGE (VIN)
DETECT RELEASE VOLTAGE (VDR)
DETECT VOLTAGE (VDF)
6
MIN. OPERATING VOLTAGE (VMIN)
GROUND VOLTAGE (VDF)
OUTPUT VOLTAGE (VOUT)
GROUND VOLTAGE (VSS)
1
2
3
4
5
Function Description – CMOS Output Configuration
When input voltage (VIN) rises above detect voltage (VDF), output voltage (VOUT) will be equal to VIN. (A Condition
of high impedance exists with N-ch open drain output Configurations)
When input voltage (VIN) falls below detect voltage (VDF), output voltage (VOUT) will be equal to the ground
voltage (VSS) level.
When input voltage (VIN) falls to a level below that of the minimum operating voltage (VMIN), output will become
unstable. In this condition, VIN will equal to the pulled-up output (Should output be pulled-up).
When input voltage (VIN) rises above the ground voltage (VSS) level, output will be unstable at levels below the
minimum operating voltage (VMIN). Between the VMIN and detect release voltage (VDR) levels, the ground
voltage (VSS) level will be maintained.
When input voltage (VIN) rises above detect release voltage (VDR), output voltage (VOUT) will be equal to VIN. (A
Condition of high impedance exists with N-ch open drain output Configurations).
The difference between VDR and VDF represents the hysteresis range.
Timing Chart


Similar Part No. - GM5510C-2.0ST23RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510C-2.0ST23R GAMMA-GM5510C-2.0ST23R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
More results

Similar Description - GM5510C-2.0ST23RG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com