Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS6S4812C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NCS6S4812C
Description  Isolated 6W 4:1 Input Single Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS6S4812C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NCS6S4812C Datasheet HTML 1Page - Murata Power Solutions Inc. NCS6S4812C Datasheet HTML 2Page - Murata Power Solutions Inc. NCS6S4812C Datasheet HTML 3Page - Murata Power Solutions Inc. NCS6S4812C Datasheet HTML 4Page - Murata Power Solutions Inc. NCS6S4812C Datasheet HTML 5Page - Murata Power Solutions Inc. NCS6S4812C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
NCS6 Series
Isolated 6W 4:1 Input Single Output DC/DC Converters
2009-09-21
KDC_NCS6C.B01 Page 1 of 6
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
SELECTION GUIDE
Order Code
Input
Voltage
Output
Voltage
Output
Current
Input Current
Current
Ripple &
Noise
(Typ.)
Efficiency
MTTF1
Nom.
100%
Load
0%
Load
100%
Load
Min.
Typ.
V
V
A
mA
mA
mV p-p
%
%
Hrs
NCS6S1203C
12
3.3
1.52
10
550
30
75
78
662,073
NCS6S1205C
12
5
1.2
7
610
30
79
82
521,975
NCS6S1212C
12
12
0.5
10
580
30
84
86
435,567
NCS6S1215C
12
15
0.4
12
580
30
85
87
437,582
NCS6S4803C
48
3.3
1.52
10
150
40
73
76
483,460
NCS6S4805C
48
5
1.2
6
160
30
78
80
441,850
NCS6S4812C
48
12
0.5
7
150
30
82
84
408,555
NCS6S4815C
48
15
0.4
7
150
30
83
84
416,319
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
All NCS6S12 types
9
12
36
V
All NCS6S48 types
18
48
75
Under voltage lock out
Turn on threshold NCS6S12
8.5
V
Turn off threshold NCS6S12
7.5
Turn on threshold NCS6S48
16.7
Turn off threshold NCS6S48
15.8
Reflected ripple current
All NCS6S12 types
12
mA p-p
All NCS6S48 types
9
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
5V, 12V & 15V output types
6
W
3.3V output types
5
Voltage set point accuracy
±2
%
Line regulation
Low line to high line
0.002
0.2
%
10% total load to
100% total load
NCS6Sxx03C
0.5
0.6
%
Load Regulation
NCS6Sxx05C
0.3
0.5
NCS6Sxx12C, NCS6Sxx15C
0.06
0.2
Start-up Time
3.3V & 5V output types
2.5
mS
12V output types
4.6
15V output types
5.5
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 seconds
1500
VDC
Resistance
Viso = 1kVDC
1
Capacitance
225
pF
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection (for SELV input voltages)
Continuous
Internal power dissipation
2.1W
Lead temperature 1.0mm from case for 10 seconds
(to JEDEC JESD22-B106 ISS C)
260°C
Minimum output load for specification (see application notes)
10% of rated load
Input voltage, NCS6 12V input types
40V
Input voltage, NCS6 48V input types
80V
1 Calculated using MIL-HDBK-217F FN2, parts stress method with nominal input voltage at full load.
All specifications typical at TA=25
°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
4:1 Wide range voltage input
Operating temperature range –40°C to
85°C
Typical load regulation from 0.06%
1.5kVDC Isolation
Typical efficiency to 87%
12V & 48V Nominal input
Power density 0.94W/cm3
UL 94V-0 Package materials
No electrolytic capacitors
Low noise
Under voltage lock out
Current fold back
PRODUCT OVERVIEW
The NCS6 series of DC/DC converters offers
single output voltages from input voltage ranges
of 9-36V and 18-75V. The NCS6 is housed in
an industry standard package with a standard
pinout. The NCS6 is packaged in a metal case for
improved EMI shielding and is also encapsulated
for superior thermal performance.
Applications include telecommunications, battery
powered systems, process control and distributed
power systems.


Similar Part No. - NCS6S4812C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS6S4812C MURATA-PS-NCS6S4812C Datasheet
286Kb / 12P
   Isolated 6W 4:1 Input Single & Dual Output DC-DC Converters
2022
More results

Similar Description - NCS6S4812C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
NCS1 MURATA-PS-NCS1 Datasheet
301Kb / 8P
   Isolated 1W 4:1 Input Single Output DC/DC Converters
NCS12 MURATA-PS-NCS12 Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-ZMD-6W MICRODC-WRA-ZMD-6W Datasheet
525Kb / 3P
   6W, 4:1 WIDE INPUT, ISOLATED & REGULATED DUAL & SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
   2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRE-ZD-6W MICRODC-WRE-ZD-6W Datasheet
410Kb / 2P
   6W,4:1 WIDE INPUT,ISOLATED®ULATED SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
logo
MicroPower Direct, LLC
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com