Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200LRS Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # 1200LRS
Description  Through Hole Radial Lead Shielded Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

1200LRS Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  1200LRS Datasheet HTML 1Page - Murata Power Solutions Inc. 1200LRS Datasheet HTML 2Page - Murata Power Solutions Inc. 1200LRS Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KMP_1200LRSC_A01 Page 3 of 3
1200LRS Series
Through Hole Radial Lead Shielded Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: japan@murata-ps.com
Kyoto, Tel: 81-75-955-7269, email: japan@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
SCHEMATIC
PACKAGING DETAILS
Supplied in cartons (250 pieces per carton)
All dimensions in mm (inches). Package weight 2.6g Typ.
All dimensions in mm (inches)
1
3
Ø
10.5
(Ø0.413)
Max.
8.5
(0.335)
Max.
Ø0.8 ± 0.1
(Ø0.031 ± 0.004)
3.5± 0.5
4.0 ± 0.5
(0.157 ± 0.020)
5.0 ± 0.5
(0.197 ±
0.020)
473C
1
4
2
3
4.0 (0.157)
Ø1.3 (0.051)
5.0 (0.197)


Similar Part No. - 1200LRS

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1200LP41B0500 JOHANSON-1200LP41B0500 Datasheet
123Kb / 2P
   1.2 GHz Low Pass Filter
1200LP41B0500 JOHANSON-1200LP41B0500 Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
1200LP41B0500E JOHANSON-1200LP41B0500E Datasheet
123Kb / 2P
   1.2 GHz Low Pass Filter
1200LP41B0500PB JOHANSON-1200LP41B0500PB Datasheet
123Kb / 2P
   1.2 GHz Low Pass Filter
1200LP41C0500 JOHANSON-1200LP41C0500 Datasheet
123Kb / 2P
   1.2 GHz Low Pass Filter
More results

Similar Description - 1200LRS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
1200RS MURATA-PS-1200RS Datasheet
132Kb / 3P
   Through Hole Radial Lead Shielded Inductors
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
   SHIELDED RADIAL LEAD INDUCTORS
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
   THROUGH-HOLE MOLDED SHIELDED INDUCTORS
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
   Shielded Radial Inductors
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
   Radial Shielded Inductors
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
   Radial Shielded Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com