Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM5510N-2.7ST89RG Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM5510N-2.7ST89RG
Description  STANDARD VOLTAGE DETECTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510N-2.7ST89RG Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM5510N-2.7ST89RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM5510N-2.7ST89RG Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
GM5510
STANDARD
VOLTAGE DETECTORS
Electrical Characteristics: VDF(T) = 1.6 to 6.0V ± 2%
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit
Detect
Voltage
VDF
VDF x 0.98
VDF
VDF x 1.02
V
1
Hysteresis
Range
VHYS
VDF x 0.02
VDF x 0.05
VDF x 0.08
V
1
VIN = 1.5V
0.7
2.3
VIN = 2.0V
0.8
2.7
VIN = 3.0V
0.9
3.0
VIN = 4.0V
1.0
3.2
Supply
Current
ISS
VIN = 5.0V
1.1
3.6
µA
2
Operating
Voltage
VIN
VDF(T) = 1.6V to
6.0V
0.7
10.0
V
1
VIN =
1.0V
1.0
2.2
VIN =
2.0V
3.0
7.7
VIN =
3.0V
5.0
10.1
VIN =
4.0V
6.0
11.5
Nch
VDS =
5V
VIN =
5.0V
7.0
13.0
Output
Current
IOUT
Pch
VDS =
2.1V
VIN =
8.0V
-10
-2.0
mA
3
∆VDF
Temperature
Characteristi
cs
∆TOPR x
VDF
-40°C ≤ TOPR
≤-85°C
± 100
ppm/°
C
5
Delay Time
(VDR → VOUT
Inversion)
tDLY
0.2
Ms
5
Note: VDF(T): Established Detect Voltage Value
Release Voltage: VDR = VDF + VHYS


Similar Part No. - GM5510N-2.7ST89RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510N-2.7ST89R GAMMA-GM5510N-2.7ST89R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
More results

Similar Description - GM5510N-2.7ST89RG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com