Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSQ-1410-EX-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADSQ-1410-EX-C
Description  Quad 14-Bit, 10 MSPS Sampling A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADSQ-1410-EX-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADSQ-1410-EX-C Datasheet HTML 1Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 2Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 3Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 4Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 5Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 6Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 7Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 8Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ADSQ-1410
Quad 14-Bit, 10 MSPS Sampling A/D Converter
MDA_ADSQ.B01 Page 2 of 11
www.murata-ps.com
Technical enquiries email: data.acquisition@murata-ps.com, tel: +1 508 339 3000
ABSOLUTE MAXIMUM RATINGS
Parameters
Min.
Typ.
Max.
Units
+5VA Supply (Pin 4,10,25,30)
0
+5.5
Volts
–5VA Supply (Pin 5,11)
0
–5.5
Volts
+VDD (Pins 19,22)
0
+7V
Volts
Digital Input (Pin 48,49,50,51,52)
–0.3
+VDD +0.5
Volts
Analog Input (Pin 1,7,13,15,16,17,28)
–5
+5
Volts
Lead Temperature soldering 10sec
300
°C
Analog Input
Min.
Typ.
Max.
Units
Input Voltage Range
±1
±2.5
Volts
Input Impedence
470
Ω
Input Capacitance
–2
7
pF
Digital Inputs
Logic Levels
Logic 1 START CONV
Logic 1 ENABLE VDD 2V
Logic 1 ENABLE VDD 3.3V
Logic 1 ENABLE VDD 5.0V
Logic 0
Logic Loading
Logic 1
Logic 0
+2.4
0.5
2.1
1.6
+VDD
+0.8
+10
–10
Volts
Volts
Volts
Volts
Volts
uA
uA
Performance
Differential Nonlinearity
(fin = 975kHz)
+25°C
0 to 70°C
Extended temperature range
–0.99
–0.99
TBD
±0.5
±0.5
TBD
LSB
LSB
LSB
Integral Nonlinearity
+25°C
0 to 70°C
Extended temperature range
±2.5
±3.0
TBD
LSB
LSB
LSB
Guaranteed No Missing Codes
0 to 70°C
Resolution
14 Bits
Zero Error
+25°C
0 to 70°C
Extended temperature range
0.3
0.3
TBD
%FSR
%FSR
%FSR
Gain Error
+25°C
0 to 70°C
Extended temperature range
0.6
TBD
TBD
%FSR
%FSR
%FSR
Output
Output Coding
Offset Binary
Logic Level
Logic 1 (–4mA) +VDD = +3.3V
Logic 0 (4mA) +VDD = +3.3V
Logic Loading 1 +VDD = +3.3V
Logic Loading 0 +VDD = +3.3V
+2.9
+0.5
-4
+4
Volts
Volts
mA
mA
Internal Reference
Voltage +25°C
0 to 70°C
External Current
2.495
2.495
+2.5
+2.5
2.505
2.505
5
Volts
Volts
mA
Dynamic Performance
Min.
Typ.
Max.
Units
Total Harmonic Distortion
(–0.5dB)
RANGE pin voltage = 1V
500kHz
1MHz to
5MHz
RANGE pin voltage = 2.5V
500kHz
1MHz to
5MHz
-89.5
-88.5
-87.6
-81.3
-81
-78
db
db
db
db
db
db
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
RANGE pin voltage = 1V
500kHz
1MHz to
5MHz
RANGE pin voltage = 2.5V
500kHz
1MHz to
5MHz
74.8
74.8
74.6
80.4
80.2
79.6
db
db
db
db
db
db
Signal-to-Noise Ratio
(distortion, –0.5dB)
RANGE pin voltage = 1V
500kHz
1MHz to
5MHz
RANGE pin voltage = 2.5V
500kHz
1MHz to
5MHz
74.6
74.6
74.4
78.2
78
77
db
db
db
db
db
db
Spurious Free Dynamic Range
RANGE pin voltage = 1V
500kHz
1MHz to
5MHz
RANGE pin voltage = 2.5V
500kHz
1MHz to
5MHz
-94.9
-92.1
-91.2
-85.5
-85
-80
db
db
db
db
db
db
Input Bandwidth
Small Signal (–20dB input)
Large Signal (–3dB input)
33.5
8.5
MHz
MHz
Aperture Delay Time
–1–
ns
Aperture Uncertainty
4
ps rms
S/H Acquisition Time,
(to ±0.003% FSR)
TBD
ns
Feedthrough Rejection
Channel under test Fin = 4.85MHz
Other 3 channels Fin = 2.45MHz
-130
dB
Noise
RANGE pin voltage = 1V
RANGE pin voltage = 2.5V
(grounded input)
RANGE pin voltage = 1V
RANGE pin voltage = 2.5V
121
150
0.99
0.5
μVrms
μVrms
LSB
LSB
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, VCC = +5V, +VDD = +3.3V, VEE = –5V, 10MSPS sampling rate,
VIN = ±2.5V and a minimum 1 minute warmup unless otherwise specified.)


Similar Part No. - ADSQ-1410-EX-C

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADSQ-1410-EX DATEL-ADSQ-1410-EX Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADSQ-1410-EX-C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com