Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM5510N-1.8ST89RG Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM5510N-1.8ST89RG
Description  STANDARD VOLTAGE DETECTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510N-1.8ST89RG Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM5510N-1.8ST89RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510N-1.8ST89RG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
GM5510
STANDARD
VOLTAGE DETECTOR
CMOS Output
www.gammamicro.com.tw
N-CH Open Drain Output
VIN
GM5510C
VIN
VOUT
VSS
VIN
GM5510N
VIN
VOUT
VSS
R
100KΩ
Application
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
Description
The GM5510 series are highly precise and low power
consumption voltage detectors. Manufactured by using
CMOS and laser trimming technologies. Detect voltage
is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output
configurations are available.
Features
Highly accurate: ± 2%
Low power consumption: TYP 0.7µA (VIN =
1.5V)
Detect voltage range: 1.6V to 6.0V in 0.1V
increments
Operating voltage range: 0.7 to 10.0V
Detect voltage temperature characteristic:
TYP ± 100 ppm/ °C
Output Configuration: CMOS or N channel
open drain
Typical Application Circuits


Similar Part No. - GM5510N-1.8ST89RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510N-1.8ST89R GAMMA-GM5510N-1.8ST89R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
More results

Similar Description - GM5510N-1.8ST89RG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com