Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC698LP5 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC698LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 11Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 21
Evaluation PCB
List of Materials for
Evaluation PCB 122625 [1]
Item
Description
J1 - J4
PC Mount SMA RF Connector
J5 - J6
2mm DC Header
C1 - C5, C8 - C10
1000 pF Capacitor, 0402 Pkg
C6 - C7
100 pF Capacitor, 0402 Pkg
C15
1000 pF Capacitor, 0603 Pkg
C16
4.7 μF Tantalum Capacitor Case A
D
LED Green, 0603 Pkg
R1
10k Ohm, Resistor, Array
R8, R9
10k Ohm, Resistor, 0402 Pkg.
R11
1k Ohm, Resistor, 0402 Pkg.
R12
100 Ohm, Resistor, 0402 Pkg.
U1
HMC698LP5(E) Synthesizer
PCB [2]
116106 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50
ohm impedance while the package backside ground paddle should be connected directly to the ground plane similar
to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The
evaluation circuit board shown is available from Hittite upon request.
Note: The evaluation PCB for the HMC698LP5 contains 10K
Ohm pull up resistors for each of the 9 control inputs. Pro-
gramming the 251 distinct division ratios consists of install-
ing or removing jumpers N0 through N5 and S0, S1.
Note: 0 = Jumper Installed.
1 = Jumper Not Installed.
Evaluation PCB Truth Table
(see Programming Truth Table)
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)


Similar Part No. - HMC698LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC698LP5 HITTITE-HMC698LP5 Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
logo
Analog Devices
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5E HITTITE-HMC698LP5E Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
More results

Similar Description - HMC698LP5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC699LP5 AD-HMC699LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC4069LP4E AD-HMC4069LP4E Datasheet
1Mb / 12P
   2.9 GHz INTEGER-N SYNTHESIZER
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
Hittite Microwave Corpo...
HMC699LP5 HITTITE-HMC699LP5_10 Datasheet
1,010Kb / 12P
   7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com