Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC657 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC657
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC657 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC657 Datasheet HTML 1Page - Hittite Microwave Corporation HMC657 Datasheet HTML 2Page - Hittite Microwave Corporation HMC657 Datasheet HTML 3Page - Hittite Microwave Corporation HMC657 Datasheet HTML 4Page - Hittite Microwave Corporation HMC657 Datasheet HTML 5Page - Hittite Microwave Corporation HMC657 Datasheet HTML 6Page - Hittite Microwave Corporation HMC657 Datasheet HTML 7Page - Hittite Microwave Corporation HMC657 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2
2 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC650 TO HMC658
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
HMC650 / 651 / 652 / 653 / 654 / 655 / 656 / 657 / 658
v01.0308
General Description
Features
Functional Diagrams
Wide Bandwidth: DC - 50 GHz
9 Attenuator Products:
0, 2, 3, 4, 6, 10, 15, & 20 dB Fixed Levels
Power Handling: +25 dBm
HMC651 & HMC658
Die Size: 0.57 x 0.45 x 0.1 mm
HMC650, HMC652, HMC653, HMC654
HMC655, HMC656 & HMC657
Die Size: 0.42 x 0.45 x 0.1 mm
Included in the HMC-DK006 Designer’s Kit
Typical Applications
The HMC650 through HMC658 are ideal for:
• Fiber Optics
• Microwave Radio
• Military & Space Hybrids
• Test & Measurement
• Scientific Instruments
• RF / Microwave Circuit Prototyping
The HMC650 / 651 / 652 / 653 / 654 / 655 / 656 / 657
/ 658 are a line of wideband fixed value 50 Ohm mat-
ched attenuator chips which offer relative attenuation
levels of 0, 2, 3, 4, 6, 10, 15 and 20 dB. These passive
though-lines and attenuators are ideal for microstrip,
hybrid, and multi-chip module applications where
extremely flat attenuation, and excellent VSWR vs.
frequency are required.
These wideband attenuators feature low inductance
on-chip vias, and require no additional ground
connections. The HMC650 through HMC658 are
backside metallized with gold, and are suitable for
eutectic or epoxy die attach. Each of the 9 products
can be purchased individually by their respective
part number or in a set of 10 each in the HMC-DK006
Fixed Attenuator Chip Designer’s Kit.
HMC651, HMC658
HMC650, HMC652, HMC653, HMC654,
HMC655, HMC656 & HMC657


Similar Part No. - HMC657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC657 AD-HMC657 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
logo
Hittite Microwave Corpo...
HMC657LP2E HITTITE-HMC657LP2E Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results

Similar Description - HMC657

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC652LP2E HITTITE-HMC652LP2E Datasheet
212Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
Mini-Circuits
24F-24F MINI-24F-24F Datasheet
168Kb / 2P
   Ultra-wideband, DC-50 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com