Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1117S-2.85TA3R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM1117S-2.85TA3R
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117S-2.85TA3R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM1117S-2.85TA3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117S-2.85TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
GM1117S
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
Ordering Information – Pb Free Products (Continued)
Ordering Number
Output Voltage
Package
Shipping
GM1117S-2.85ST3T
SOT-223
80 Units/Tube
GM1117S-2.85ST3R
SOT-223
2,500 Units / Tape & Reel
GM1117S-2.85TC3T
TO-252
80 Units/Tube
GM1117S-2.85TC3R
TO-252
2,500 Units / Tape & Reel
GM1117S-2.85TB3T
TO-220
50 Units/Tube
GM1117S-2.85TA3T
TO-263
50 Units/Tube
GM1117S-2.85TA3R
2.85V
TO-263
800 Units / Tape & Reel
GM1117S-3.0ST3T
SOT-223
80 Units/Tube
GM1117S-3.0ST3R
SOT-223
2,500 Units / Tape & Reel
GM1117S-3.0TC3T
TO-252
80 Units/Tube
GM1117S-3.0TC3R
TO-252
2,500 Units / Tape & Reel
GM1117S-3.0TB3T
TO-220
50 Units/Tube
GM1117S-3.0TA3T
TO-263
50 Units/Tube
GM1117S-3.0TA3R
3.0V
TO-263
800 Units / Tape & Reel
GM1117S-3.3ST3T
SOT-223
80 Units/Tube
GM1117S-3.3ST3R
SOT-223
2,500 Units / Tape & Reel
GM1117S-3.3TC3T
TO-252
80 Units/Tube
GM1117S-3.3TC3R
TO-252
2,500 Units / Tape & Reel
GM1117S-3.3TB3T
TO-220
50 Units/Tube
GM1117S-3.3TA3T
TO-263
50 Units/Tube
GM1117S-3.3TA3R
3.3V
TO-263
800 Units / Tape & Reel
GM1117S-5.0ST3T
SOT-223
80 Units/Tube
GM1117S-5.0ST3R
SOT-223
2,500 Units / Tape & Reel
GM1117S-5.0TC3T
TO-252
80 Units/Tube
GM1117S-5.0TC3R
TO-252
2,500 Units / Tape & Reel
GM1117S-5.0TB3T
TO-220
50 Units/Tube
GM1117S-5.0TA3T
TO-263
50 Units/Tube
GM1117S-5.0TA3R
5.0V
TO-263
800 Units / Tape & Reel


Similar Part No. - GM1117S-2.85TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM1117S-2.85TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117_1 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com