Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1117-2.5TA3R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM1117-2.5TA3R
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117-2.5TA3R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM1117-2.5TA3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117-2.5TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
GM1117
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
www.gammamicro.com.tw
Application
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Microprocessor Supply
Battery Powered Equipment
Reference Voltage Sources
Hard Drive Controllers
Battery Chargers
Adjustable Power Supply
Typical Application Circuits
Adjustable Regulator
Fixed Output Voltage Regulator
R2
VOUT
=1.25V
(
1+
R1
)
Description
The GM1117 is a positive low dropout
regulator and is available in an adjustable
version and fixed output voltage from 1.5V to
5.0V. All internal circuitry is designed to
operate down to 800mV input to output
differential and the dropout voltage is fully
specified as a function of load current. On chip
trimming adjusts the reference/output voltage
to within
± 1%. Current limit is also trimmed in
order to minimize the stress on both the
regulator and the power source circuitry under
overloaded conditions.
Features
Adjustable or Fixed Output
Output Current of 1.0A
Dropout Voltage 1.5V max @ 1.0A
Line Regulation 0.2% max.
Load Regulation 0.4% max.
Fast Transient Response
Current Limit Protection
Thermal Shutdown Protection
GM1117-x.x
VIN
VOUT
10
µF
10
µF
C1
C2
GM1117
VIN
VOUT
10
µF
10
µF
C1
C2
R2
232
R1
133


Similar Part No. - GM1117-2.5TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117-2.5TA3R GAMMA-GM1117-2.5TA3R Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM1117-2.5TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com