Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8720A-CP-TR Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN8720A-CP-TR
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720A-CP-TR Datasheet(HTML) 1 Page - SMSC Corporation

  LAN8720A-CP-TR Datasheet HTML 1Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 2Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 3Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 4Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 5Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 6Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 7Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 8Page - SMSC Corporation LAN8720A-CP-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
SMSC LAN8720/LAN8720i
Revision 1.0 (05-28-09)
DATASHEET
Datasheet
PRODUCT FEATURES
LAN8720/LAN8720i
Small Footprint RMII 10/100
Ethernet Transceiver with HP
Auto-MDIX Support
Highlights
Single-Chip Ethernet Physical Layer Transceiver
(PHY)
Comprehensive flexPWR® Technology
Flexible Power Management Architecture
Power savings of up to 40% compared to competition
LVCMOS Variable I/O voltage range: +1.6V to +3.6V
Integrated 1.2V regulator
HP Auto-MDIX support
Miniature 24 pin QFN lead-free RoHS compliant
package (4 x 4 x 0.85mm height).
Target Applications
Set-Top Boxes
Networked Printers and Servers
Test Instrumentation
LAN on Motherboard
Embedded Telecom Applications
Video Record/Playback Systems
Cable Modems/Routers
DSL Modems/Routers
Digital Video Recorders
IP and Video Phones
Wireless Access Points
Digital Televisions
Digital Media Adaptors/Servers
Gaming Consoles
POE Applications
Key Benefits
High-Performance 10/100 Ethernet Transceiver
Compliant with IEEE802.3/802.3u (Fast Ethernet)
Compliant with ISO 802-3/IEEE 802.3 (10BASE-T)
Loop-back modes
Auto-negotiation
Automatic polarity detection and correction
Link status change wake-up detection
Vendor specific register functions
Power and I/Os
Various low power modes
Integrated power-on reset circuit
Two status LED outputs
Latch-Up Performance Exceeds 150mA per EIA/JESD
78, Class II
May be used with a single 3.3V supply
Advanced Features
Able to use a low cost 25Mhz crystal for the lowest
eBOM
Packaging
24-pin QFN (4x4 mm) Lead-Free RoHS Compliant
package with RMII
Environmental
Extended Commercial Temperature Range (0°C to
+85°C)
Industrial Temperature Range (-40°C to +85°C) version
available (LAN8720i)


Similar Part No. - LAN8720A-CP-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720AI SMSC-LAN8720AI Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
More results

Similar Description - LAN8720A-CP-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com