Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM2574-3.3S8R Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM2574-3.3S8R
Description  1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM2574-3.3S8R Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM2574-3.3S8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
GM2574
1.5A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Marking Information and Pin Configurations (Top View)
SO8
Ordering Information
Ordering Number
Output Voltage
Package
Shipping
GM2574-AS8T
Adj
SOP8
100 Units / Tube
GM2574-AS8R
Adj
SOP8
2500 Units / Reel
GM2574-3.3S8T
3.3
SOP8
100 Units / Tube
GM2574-3.3S8R
3.3
SOP8
2500 Units / Reel
GM2574-5.0S8T
5.0
SOP8
100 Units / Tube
GM2574-5.0S8R
5.0
SOP8
2500 Units / Reel
GM2574
VVVAYWW
VVV: 033=3.3V, 050=5.0V,00A=ADJ
A: Assembly / Testing factory code
Y: Year
WW: Week
V IN
SD
V OU T
F B
GND
GND
GND
GND


Similar Part No. - GM2574-3.3S8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3PS8R GAMMA-GM2576-3.3PS8R Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3PS8T GAMMA-GM2576-3.3PS8T Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3S8R GAMMA-GM2576-3.3S8R Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3S8T GAMMA-GM2576-3.3S8T Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM2574-3.3S8R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Unisonic Technologies
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com