Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5075AJ-4 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5075AJ-4
Description  VCXO Module IC with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5075AJ-4 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5075AJ-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5075AJ-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —1
VCXO Module IC with Built-in Varicap
OVERVIEW
The 5075 series are miniature VCXO ICs that provide a wide frequency pulling range, even when using minia-
ture crystal units for which a wide pulling range is difficult to provide. They employ a recently developed vari-
cap diode fabrication process that provides a wide frequency pulling range and good linearity without any
external components. Also, they employ a regulated voltage drive oscillator circuit that significantly reduces
current consumption, crystal current, and oscillation characteristics supply voltage dependency. The 5075
series are ideal for miniature, wide pulling range, low power consumption, VCXO modules.
FEATURES
I
VCXO with recently developed varicap diode
built-in
I
New fabrication process that significantly reduces
parasitic capacitance and provides wide pulling
range even when using miniature crystal units
I
Regulated voltage drive oscillator circuit for
reduced power consumption, crystal drive current,
and oscillation characteristics voltage dependency
I
Wide frequency pulling range
± 190ppm (B1 version, f = 27MHz)
(Crystal:
γ = 300, C0 = 1.5pF)
I
Operating supply voltage range: 2.25V to 3.63V
I
Oscillation frequency range (for fundamental oscil-
lation): 20MHz to 55MHz (varies with version)
I
Low current consumption: 1.0mA
(B1 version, f = 27MHz, no load, VDD = 3.3V)
I
Frequency divider built-in
• Selectable by version: fO, fO/2, fO/4, fO/8, fO/16
• Frequency divider output for 1.3MHz (min) low
frequency output
I
VC pin input resistance: 10M
Ω (min)
I
CMOS output
I
Two types of pad layout selectable by mounting
method
•A
× version: for Flip Chip Bonding
•B
× version: for Wire Bonding
I
Package: Wafer form (WF5075
××)
Chip form (CF5075
××)
APPLICATIONS
I
2.5
× 2.0mm, 3.2 × 2.5mm size miniature VCXO modules for digital mobile TV tuner, digital TV (PDP,
LCD), PND (Personal Navigation Device), etc.
ORDERING INFORMATION
Device
Package
WF5075
××−4
Wafer form
CF5075
××−4
Chip form


Similar Part No. - CF5075AJ-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5072BA-1 NPC-CF5072BA-1 Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5073XX-1 NPC-CF5073XX-1 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5075AJ-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com