Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1117S-ATA3R Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM1117S-ATA3R
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117S-ATA3R Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM1117S-ATA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 12Page - Gamma Microelectronics Inc. GM1117S-ATA3R Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
GM1117S
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
6
130
70
IO = 10mA
65
60
55
50
45
40
0
Figure 3. Adjust Pin Current vs. Temperature
10 20
30
40
50
60
70
80
90
100 110 120
Temperature (°C)
Time (µs)
VOUT= 3.3V
COUT= CIN = 22µF, Tantalum
C
Adj = 0.1µF
0
0
Figure 5. Transient Response
1
2
3
4
56
7
8
910
300
200
100
0
-100
-200
1000
500
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.0
Figure 6. Short Circuit Current vs. VIN -VOUT
1.5
2.0
2.5
3.0
3.5
4.0
VIN – VOUT (V)
Typical Performance Characteristics
0.90
0.85
0.95
0.80
0.75
0
200
400
600
800
1000
Figure 1. Dropout Voltage vs. Output Current
TCASE = 0°C
TCASE = 25°C
TCASE = 125°C
IOUT (mA)
0.10
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
0
20
Figure 2. Reference Voltage vs. Temperature
TJ (°C)
40
60
80
100
120
85
75
65
55
45
35
15
Figure 4. Ripple Rejection vs. Frequency
TCASE = 125°C
IO = 10mA
VIN = VOUT + 3V
VRIPPLE = 1.0VP-P
CADJ = 0.1µF
25
101
102
103
104
105
106
Frequency (Hz)


Similar Part No. - GM1117S-ATA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM1117S-ATA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117_1 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com