Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5076A3-4 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF5076A3-4
Description  VCXO Module IC with Built-in Varicap
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5076A3-4 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button CF5076A3-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
5076 series
SEIKO NPC CORPORATION —7
SWITCHING CHARACTERISTICS
VDD = 1.6 to 2.0V, VC = 0.5VDD, VSS = 0V, Ta = –40 to +85°C unless otherwise noted.
Switching Time Measurement Waveform
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Output rise time
tr
Measurement circuit 7, 0.2VDD → 0.8VDD,
CLOUT = 15pF
3.1
6.0
ns
Output fall time
tf
Measurement circuit 7, 0.8VDD → 0.2VDD,
CLOUT = 15pF
3.1
6.0
ns
Output duty cycle
Duty
Measurement circuit 7, Ta = 25
°C,
CLOUT = 15pF, VDD = 1.8V
45
50
55
%
0.8VDD
Q
DUTY measurement
voltage (0.5VDD
)
TW
tr
tf
T
0.2VDD
0.8VDD
0.2VDD
DUTY= TW/ T
100 (%)


Similar Part No. - CF5076A3-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5072BA-1 NPC-CF5072BA-1 Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5073XX-1 NPC-CF5073XX-1 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5076A3-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com