Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF5075BM-4 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # WF5075BM-4
Description  VCXO Module IC with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5075BM-4 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button WF5075BM-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc WF5075BM-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —10
Current Consumption
Measurement circuit
Frequency Stability by Supply Voltage Change
Measurement circuit
fOUT = 27MHz, Ta = R.T.
VDD [V]
3.0
3.3
2.8
2.5
3.6
0
1
2
3
4
5
CLOUT = 15pF
CLOUT = No load
VC = 0V
VC = 0.5VDD
VC = VDD
VC = 0V
VC = 0.5VDD
VC = VDD
VDD
VSS
XT
Q
Crystal
XTN
A
VC
0.1
µF
IDD
fOUT = 27MHz, ± 0ppm at VDD = 2.5V
VDD [V]
3.0
2.5
2.0
3.5
4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
VC = 0V
VC = 2.5V
VC = 1.25V
fOUT = 27MHz, ± 0ppm at VDD = 3.3V
VDD [V]
3.0
2.5
2.0
3.5
4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
VC = 3.3V
VC = 0V
VC = 1.65V
VDD
VSS
XT
Q
Crystal
XTN
VC
0.1
µF
CLOUT = 15pF
(Including probe
capacitance)


Similar Part No. - WF5075BM-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5076A1-4 NPC-WF5076A1-4 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
WF5076A2-4 NPC-WF5076A2-4 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
WF5076A3-4 NPC-WF5076A3-4 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
WF5076A4-4 NPC-WF5076A4-4 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
WF5076A5-4 NPC-WF5076A5-4 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - WF5075BM-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com