Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8136A Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8136A
Description  White LED Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136A Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8136A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —7
Immediately after startup, the device operates in
×1.5 mode for a fixed interval (soft start time: approximately
2ms) to set the current for LEDs connected to the DIN pins.
(1) If the EN signal is input after power is applied, the soft start time begins on the EN rising edge. The EN
input signal for dimming is active during the soft start time.
(2) The LED drive starts immediately before the end of the LED turn-on delay time.
Switching to Standby Mode
The SM8136A operating mode switches from
×1.0/×1.5 mode to standby mode if EN goes LOW and stays
LOW for an interval of 1.00ms (typ). This function is used to switch the internal circuits to standby mode auto-
matically when the LEDs turn OFF in order to reduce current consumption.
I
When EN is LOW for longer than the CE hold time of 1.00ms (typ), the SM8136A switches to standby
mode. In standby mode, the internal circuits are reset, hence the drive current settings must be re-entered to
restart the device.
Soft start time and LED current
Switching to standby mode, and EN hold time
EN
LED current
(1)
(2)
Soft start time
typ: 2ms
LED ON
Dimming pulse enable
VIN
VIN High
CE hold time
typ: 1.00ms
EN
LED current
1.0 or 1.5
Standby
mode


Similar Part No. - SM8136A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
More results

Similar Description - SM8136A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com