Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8136A Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8136A
Description  White LED Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136A Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8136A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —4
Electrical Characteristics
VIN = 3.6V, GND = 0V, Ta = 25°C unless otherwise noted.
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Standby current
VIN
ISTB
Standby mode
0.01
1.00
µA
Quiescent current 1
VIN
IDD1
×1.0 mode, IOUT = 0mA
0.3
1.0
mA
Quiescent current 2
IDD2
×1.5 mode, IOUT = 0mA
1.0
2.0
mA
Output voltage
VOUT
VOUT
×1.5 mode, VIN = 3.6V, IOUT = 0mA
4.5
5.0
5.5
V
×1.5 mode, VIN = 3.0V, IOUT = 60mA
3.5
V
Maximum output current
VOUT
IOUT
×1.5 mode
60
mA
Operating frequency
C1M
fOSC
×1.5 mode switching frequency
800
1000
1200
kHz
Internal power-ON reset time*1
*1. Design guaranteed value
EN
TPOR
Rest time from when power is applied
0.05
1.00
ms
Power-ON rise time
EN, VIN
TPR
EN = VIN, time from 0.3V to 2.7V
50
µs
Soft start time
DIN1 to 3
TSS
EN startup
→ ILED rising edge
2.00
3.00
ms
LED drive pin leakage current
DIN1 to 3
ILeak1 to 3
Standby mode, DIN pin = 5.0V
0.01
1.00
µA
LED drive current
DIN1 to 3
ILED1 to 3
×1.0 mode (3-channel average value)
18.0
20.0
22.0
mA
LED drive current accuracy
DIN1 to 3
∆ILED
×1.0 mode, relative accuracy between
channels at ILED maximum settings
–5.0
+5.0
%
LED drive pin voltage
DIN1 to 3
VDIN1 to 3
×1.0 mode, ILED = 20mA
120
mV
×1.0 ↔ ×1.5 mode switching
threshold voltage
VIN
VTH1.0 to 1.5 VF (LED) = 3.3V, ILED = 20mA
3.46
V
EN hold time*1*2
*2.
EN
TCEH
Time from when EN = LOW until
shutdown
0.50
1.00
1.50
ms
EN HIGH-level input time*1
EN
TENH
EN input pulse HIGH-level minimum
pulsewidth
4.0
µs
EN LOW-level input time*1*2
EN
TENL
EN input pulse LOW-level pulsewidth
range
4.0
500
µs
Logic input voltage
EN
VIH
HIGH-level input voltage range
1.4
V
VIL
LOW-level input voltage range
0.3
V
Logic input current
EN
IIH
Pull-down pin, EN pin = 3.6V
5.0
10.0
µA
IIL
EN pin = 0V
–1.0
µA
EN
When shutdown
> 1.5msec
EN
When dimming
4
µsec to 500µsec


Similar Part No. - SM8136A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
More results

Similar Description - SM8136A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com