Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF5041A6A-4 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # WF5041A6A-4
Description  High-stability Crystal Oscillator IC with Frequency Adjustment Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5041A6A-4 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  WF5041A6A-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5041A6A-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
5041 series
SEIKO NPC CORPORATION—2
SERIES CONFIGURATION
TEMPERATURE ADJUSTMENT FUNCTION GAIN SETTING RATIO
Temperature adjustment function gain setting ratio of 5041A
×A and 5041A×B differs. In the case of tempera-
ture adjustment function that rotates temperature characteristics on T0 origin, adjustment sensitivity of
5041A
×B is designed twice as higher than that of 5041A×A based on non-compensation temperature deviation
in same register value setting.
VERSION NAME
Pad layout
Recommended
oscillation
frequency range*1
[MHz]
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tion frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Operating
supply
voltage range
[V]
Temperature
adjustment
function gain
setting ratio*2
*2. Values in parentheses ( ) are provisional only.
Output frequency and version name*3
*3. Versions in parentheses ( ) are under development.
fO
fO/2
fO/4
fO/8
fO/16
fO/32
for flip chip
bonding
20 to 55
2.25 to 3.63
1
5041A1A
5041A2A
5041A3A
5041A4A
5041A5A
5041A6A
2
5041A1B
5041A2B
5041A3B
5041A4B
5041A5B
5041A6B
1.60 to 2.25
(1)
(5041B1A)
(5041B2A)
(5041B3A)
(5041B4A)
(5041B5A)
(5041B6A)
Device
Package
Version name
WF5041
×××−4
Wafer form
Ta [
°C]
Temperature deviation
at non-compensation
<Gain setting ratio>
5041A
×A : 5041A×B
1 : 2
5041A
×A
5041A
×B
T0
Form WF: Wafer form
WF5041
−4
Frequency divider function (output frequency)
Temperature adjustment function gain setting ratio
Operating supply voltage


Similar Part No. - WF5041A6A-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF50-40B410 ETC2-WF50-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
SICK AG
WF50-40B410 SICK-WF50-40B410 Datasheet
977Kb / 7P
   FORK SENSORS
WF50-40B416 SICK-WF50-40B416 Datasheet
985Kb / 7P
   FORK SENSORS
WF50-40B41CA00 SICK-WF50-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF50-40B41CA71 SICK-WF50-40B41CA71 Datasheet
1Mb / 8P
   FORK SENSORS
More results

Similar Description - WF5041A6A-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
   32kHz output Crystal Oscillator IC with Frequency Adjustment Function
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com