Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3845AS8T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM3845AS8T
Description  CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3845AS8T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM3845AS8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3845AS8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
GM3842A, GM3843A
GM3844A, GM3845A
CURRENT MODE PWM CONTROLLER
Electrical Characteristics (T
A = 0°C to 70°C, VCC=15V, CT=3.3nF, RT=10k , unless otherwise
specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Undervoltage Lockout Section
GM3842A, GM3844A
14.5
16.0
17.5
Start Threshold
VTH(ST)
GM3843A, GM3845A
7.8
8.4
9.0
V
GM3842A, GM3844A
8.5
10
11.5
Minimum Operating
Voltage (after turn on)
VOPR(MIN)
GM3843A, GM3845A
7.0
7.6
8.2
V
PWM Section
GM3842A, GM3844A
95
97
100
Maximum Duty Cycle
D(MAX)
GM3843A, GM3845A
47
45
50
%
Minimum Duty Cycle
D(MIN)
0
%
Total Standby Current
Start-Up Current
IST
0.17
0.3
mA
Operating Supply
Current
ICC(OPR)
VPIN3 = VPIN2 = 0V
13
17
mA
Zero Voltage
VZ
ICC = 25mA
30
35
V
* Adjust VCC above the Startup threshold before setting to l5 V.
Note 1:
Parameter measured at trip point of latch with VPIN2 = 0V
Note 2:
Gain defined as A = VPIN1 / VPIN3; 0V
< VPIN3 < 0.5V
Note 3:
These parameters, although quaranteed, are not 1005 tested in production


Similar Part No. - GM3845AS8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3845AS8T GAMMA-GM3845AS8T Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Similar Description - GM3845AS8T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com