Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRY-NRS-UV1-1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DRY-NRS-UV1-1
Description  High brightness surface mount LED using thin film technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRY-NRS-UV1-1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DRY-NRS-UV1-1 Datasheet HTML 1Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 2Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 3Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 4Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 5Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 6Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 7Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 8Page - DOMINANT Semiconductors DRY-NRS-UV1-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DRS; Super Red
DRR; Red
DRA; Amber
DRO; Orange
DRY; Yellow
Full
Full
Full
W
X
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
620 - 630
610 - 621
610 - 615
615 - 621
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
AlInGaP : DRx-NRS
DOMINANT TM
Semiconductors
Innovating Illumination
12/08/2009 V1.0
3
Electrical Characteristics at Tj=25˚C
T1
T2
U1
U2
V1
285.0...355.0
355.0...450.0
450.0...560.0
560.0...715.0
715.0...900.0
Brightness Group
Luminous Intensity @
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.


Similar Part No. - DRY-NRS-UV1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRY-MJS-VW1-1 DOMINANT-DRY-MJS-VW1-1 Datasheet
776Kb / 12P
   High brightness surface mount LED using thin film technology
More results

Similar Description - DRY-NRS-UV1-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRX-NJB DOMINANT-DRX-NJB Datasheet
816Kb / 13P
   High brightness surface mount LED using thin film technology
DRX-RJE DOMINANT-DRX-RJE Datasheet
950Kb / 12P
   High brightness surface mount LED using thin film technology
DWX8 DOMINANT-DWX8 Datasheet
1Mb / 13P
   High brightness surface mount LED using thin film technology
DWX-MJB DOMINANT-DWX-MJB Datasheet
710Kb / 13P
   High brightness surface mount LED using thin film technology
DWX-MJS1 DOMINANT-DWX-MJS1 Datasheet
1,000Kb / 13P
   High brightness surface mount LED using thin film technology
DRR-MJS-U2V-1 DOMINANT-DRR-MJS-U2V-1 Datasheet
776Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJE DOMINANT-DRX-NJE Datasheet
953Kb / 12P
   High brightness surface mount LED using thin film technology
DDX-XJE DOMINANT-DDX-XJE Datasheet
840Kb / 14P
   High brightness surface mount LED using thin film technology
DRX-NJS5 DOMINANT-DRX-NJS5 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
DRX-MJS0 DOMINANT-DRX-MJS0 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com