Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3843AS8T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM3843AS8T
Description  CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3843AS8T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM3843AS8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
GM3842A, GM3843A
GM3844A, GM3845A
CURRENT MODE PWM CONTROLLER
50
20
5
50
10
1
2
20
10
VCC = 15V
TA = 25°C
100
200
300 500
fosc (KHZ)
CT = 5nF
CT = 10pF
CT = 1000pF
CT = 200pF
CT = 500pF
CT = 2nF
CT = 1nF
Dmax
(%)
90
80
70
60
50
40
1
2
3
5
R
T (k
Figure 3. Maximum Output Duty Cycle vs.
Timing Resistor (GM3842A/43A)
VCC = 15V
CT = 3.3nF
TA = 25°C
(dB)
80
60
40
20
0
-20
l0
l0k
l00k
lM
l00
lk
Figure 4. Error Amp Open-Loop Gain vs.
Frequency
VCC = 15V
VO = 2V to 4V
RL = 100K
TA = 25°C
VTH
(V)
1.0
0.8
0.6
0.4
0.2
0
2
4
6
VO (V)
Figure 5. Current Sense Input Threshold vs.
Error Amp Output Voltage
TA = 25°C
TA = 125°C
VCC = 15V
ISC
(mA)
l00
90
80
70
60
50
0
25
50
75
l00
T
A (°C)
Figure 6. Reference Short Circuit Current vs.
Temperature
VCC = 15V
Vsat
(V)
-1
-2
3
2
l
0
0
200
400
600
Io (mA)
Figure 7. Output Saturation Voltage vs.
Load Current TA= 25°C
Source Saturation
(Load to Ground)
VCC = 15V
50μs Pulsed Load 120Hz Rate
Sink Saturation
(Load to V
+)
%
50
Figure 2. Output Dead-Time vs. Oscillator Frequency
30
20
100
10
200
300 500
fosc (kHz)
CT = 500pF
CT = 200pF
CT = 1000pF
CT = 5nF
CT = 2nF
CT = 1nF
CT = 10pF
VCC = 15V
50
30
20
10
5
2
1
Typical Performance Characteristics
Figure 1. Timing Resistor vs. Oscillator Frequency
RT (K)
20
l5
10
5
0
0
Figure 8. Supply Current vs. Supply Voltage
ISENSE = 0V
VFB = 0V
RT = 10K
TA = 25°C
CT = 3.3nF
ICC
(mA)
10
20
30
VCC (V)


Similar Part No. - GM3843AS8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3843AS8T GAMMA-GM3843AS8T Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Similar Description - GM3843AS8T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com