Electronic Components Datasheet Search |
|
DRW-NJG-V2W-1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors |
|
DRW-NJG-V2W-1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors |
2 / 13 page 23/03/2009 V1.0 2 InGaN White: DRW-NJG DOMINANT TM Semiconductors Innovating Illumination Part Ordering Number Color Viewing Angle˚ Luminous Intensity @ IF = 20mA IV (mcd) NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Luminous intensity is measured with an accuracy of ± 11%. 3. Color binning is carried for all units as per the color binning table. Only one color group is allowed for each reel. DRW-NJG-V2W-1 White 120 Vr @ Ir = 10 µA Electrical Characteristics at Tj=250C Vf @ If = 20 mA 3.2 5.0 Forward Voltage, Vf is measured with an accuracy of ± 0.1 V. Part Number Min. (V) Typ. (V) Max. (V) Min. (V) DRW-NJG 2.9 3.8 Unit Absolute Maximum Ratings Maximum Value DC forward current Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005) Reverse Voltage; Ir max = 10µA ESD threshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 20 100 5 2000 125 -40 … +100 -40 … +100 80 mA mA V V ˚C ˚C ˚C mW Optical Characteristics at Tj=250C Min. Typ. Max. 900.0 1400.0 1800.0 |
Similar Description - DRW-NJG-V2W-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |