Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3842AS8R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM3842AS8R
Description  CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3842AS8R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM3842AS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3842AS8R Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
GM3842A, GM3843A
GM3844A, GM3845A
CURRENT MODE PWM CONTROLLER
Electrical Characteristics (T
A = 0°C to 70°C, *VCC=15V, CT=3.3nF, RT=10k , unless otherwise
specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Reference Section
Reference output
Voltage
VREF
TJ= 25°C, IREF= 1mA
4.9
5.0
5.1
V
Line Regulation
∆V
REF-V
12V
< V
CC < 25V
6.0
20
mV
Load Regulation
∆V
REF-I
1mA
< I
REF < 20mA
6.0
25
mV
Short CirCuit output
Current
ISC
TA=25°C
-100
-180
mA
Oscillator Section
Oscillation Frequency
f
TJ= 25°C
47
52
57
KHz
Frequency Change
with Voltage
 
∆f/∆V
CC
12V
< V
CC < 25V
0.05
1
%
Oscillator Amplitude
V(osc)
(Peak to Peak)
1.6
V
Error Amplifier Section
Input Bias Current
IBIAS
VFB = 3V
-0.1
-2
µA
Input Voltage
VI(EA)
VPIN1 = 2.5V
2.42
2.5
2.58
V
Open Loop Voltage
Gain
AVOL(EA)
2V
< V
O < 4V
65
90
dB
Power Supply
Rejection Ratio
PSRR(EA) 12V
< V
CC < 25V
60
70
dB
Output Sink Current
ISINK(EA)
VPIN2 = 2.7V, VPIN1 = 1.1V
2
7
mA
Output Source Current
Isource(EA)
VPIN2 = 2.3V, VPIN1 = 5V
-0.5
-1.0
mA
High Output Voltage
VOH(EA)
VPIN2 = 2.3V, RL =15K to GND
5.0
6.0
V
Low Output Voltage
VOL(A)
VPIN2 = 2.7V, RL =15K to GND
0.8
1.1
V
Current Sense Section
Current Sense Input
Voltage Gain
GV
(Note 1 and 2)
2.85
3.0
3.15
V/V
Maximum Input Signal
VI(MAX)
VPIN1 = 5V (Note 1)
1.0
1.1
V
Supply Voltage
Rejection
SVR
12V
< V
CC < 25V (Note 1)
70
dB
Input Bias Current
IBIAS
VPIN3 = 3V
-3.0
-10
µA
Output Section
ISINK = 20mA
0.8
0.4
Low Output Voltage
VOL
ISINK = 200mA
1.4
2.2
V
ISource= -20mA
13
13.5
High Output Voltage
VOH
Isource = -200mA
12
13
V
Rise Time
tr
TJ = 25°C, CL = 1nF (Note 3)
45
150
ns
Fall Time
tf
TJ = 25°C, CL = 1nF (Note 3)
35
150
ns


Similar Part No. - GM3842AS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3842AS8R GAMMA-GM3842AS8R Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Similar Description - GM3842AS8R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com