Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM317TC3R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM317TC3R
Description  3-TERMINAL 1.5A ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM317TC3R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM317TC3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM317TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
GM317
3-TERMINAL 1.5A
ADJUSTABLE REGULATOR
VIN
VOUT
VREF
R1
R2
IPROG
IADJ
GM317
Adjust
VREF = 1.25V typical
Basic Circuit Configuration
VIN
VOUT
GM317
Adjust
R1
R2
D2
1N4002
D1
1N4002
CO
CADJ
CIN
Application Information
Basic Circuit Operation
The GM317 is a 3- terminal floating regulator. In operation, the GM317 develops and maintains a nominal 1.25V
reference (VREF) between its output and adjustment terminals. This reference voltage is converted to a
programming current flow through R2 to ground.
The regulated output voltage is given by:
Since the current from the adjustment terminal (IADJ) represents an error term in the equation, the GM317was
designed to control IADJ to less than 100µA and keep it constant. To do this, all quiescent operating current is
returned to the output terminal. This imposes the requirement for a minimum load current. If the load current is
less than this minimum, the output voltage will rise.
Since the GM317 is a floating regulator, it is only the voltage differential across the circuit which is important to
performance, and operation at high voltages with respect to ground is possible.
Load Regulation
The GM317 is capable of providing extremely good load regulation, but a few precautions are needed to obtain
maximum performance. For best performance, the programming resistor R1 should be connected as close to
the regulator as possible to minimize line drops which effectively appear in series with the reference, thereby
degrading regulation. The ground end of R2 can be returned near the load ground to provide remote ground
sensing and improve load regulation.
External Capacitors
A 0.1µF disc or 1.0µF tantalum input bypass capacitor CIN is recommended to reduce the sensitivity to input line
impedance. The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor CADJ
prevents ripple from being amplified as the output voltage is increased. A 10µF capacitor should improve ripple
rejection about 15 dB at 120Hz in a 10V application.
Although the GM317 is stable with no output capacitance, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. An output capacitance CO in the form of a 1.0µF tantalum or 25µF
aluminum electrolytic capacitor on the output swamps this effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator.
The figure below shows the GM317 with the recommended protection diodes for output for output voltage in
excess of 25V or high capacitance values (CO > 25µF, CADJ > 10µF). Diode D1 prevents CO from discharging
thru the IC during an input short circuit. Diode D2 protects against capacitor CADJ discharging through the IC
during an output short circuit. The combination of diodes D1 and D2 prevents CADJ from discharging through the
IC during an input short circuit.
VOUT = VREF (1 +
R1
) + IADJ R2
R2


Similar Part No. - GM317TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM317TC3R GAMMA-GM317TC3R Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
More results

Similar Description - GM317TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com