Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR0530T1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MBR0530T1
Description  SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR0530T1 Datasheet(HTML) 4 Page - Motorola, Inc

  MBR0530T1 Datasheet HTML 1Page - Motorola, Inc MBR0530T1 Datasheet HTML 2Page - Motorola, Inc MBR0530T1 Datasheet HTML 3Page - Motorola, Inc MBR0530T1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MBR0530T1
4
Rectifier Device Data
PACKAGE DIMENSIONS
CASE 425–04
ISSUE C
PLASTIC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. CATHODE
2. ANODE
B
D
K
A
C
E
J
1
2
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.055
0.071
1.40
1.80
B
0.100
0.112
2.55
2.85
C
0.037
0.053
0.95
1.35
D
0.020
0.028
0.50
0.70
E
0.004
–––
0.25
–––
H
0.000
0.004
0.00
0.10
J
–––
0.006
–––
0.15
K
0.140
0.152
3.55
3.85
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MBR0530T1/D
CODELINE TO BE PLACED HERE


Similar Part No. - MBR0530T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0530T1 ONSEMI-MBR0530T1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
logo
SUNMATE electronic Co.,...
MBR0530T1 SUNMATE-MBR0530T1 Datasheet
274Kb / 2P
   0.5A Surface Mount Schottky Power Rectifier
logo
ON Semiconductor
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
107Kb / 4P
   Surface Mount Schottky Power Rectifier
September, 2013 ??Rev. 7
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
65Kb / 4P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 8
More results

Similar Description - MBR0530T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0520LT1 MOTOROLA-MBR0520LT1 Datasheet
87Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
ON Semiconductor
MBR230LSFT1 ONSEMI-MBR230LSFT1 Datasheet
80Kb / 5P
   SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
MBR130T1 ONSEMI-MBR130T1 Datasheet
40Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
February, 2001 ??Rev. 1
logo
Rectron Semiconductor
SR730CSDP RECTRON-SR730CSDP Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 30 Volts CURRENT 7.0 Amperes
SR3060C-C-S-A01 RECTRON-SR3060C-C-S-A01 Datasheet
278Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 60 Volts CURRENT 30 Amperes
logo
Micro Commercial Compon...
B0530WS MCC-B0530WS Datasheet
314Kb / 4P
   0.5 Amp Schottky Rectifier 30 Volts
B0530WS MCC-B0530WS_13 Datasheet
330Kb / 4P
   0.5 Amp Schottky Rectifier 30 Volts
logo
Rectron Semiconductor
SRL30150C RECTRON-SRL30150C Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:A
SPKC1230F RECTRON-SPKC1230F Datasheet
113Kb / 4P
   SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 30 Volts CURRENT 12 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com