Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1303 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1303
Description  Single-Transistor Optocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1303 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1303 Datasheet HTML 1Page - Clare, Inc. CPC1303 Datasheet HTML 2Page - Clare, Inc. CPC1303 Datasheet HTML 3Page - Clare, Inc. CPC1303 Datasheet HTML 4Page - Clare, Inc. CPC1303 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1303
R02
MECHANICAL DIMENSIONS
RoHS
2002/95/EC
e3
Pb
Manufacturing Information
Soldering
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
4-Pin DIP (”G” Suffix)
PC Board Pattern (Top View)
Dimensions
mm
(inches)
PIN 1
6.350 ± 0.127
(0.250 ± 0.005)
4.572 ± 0.127
(0.180 ± 0.005)
0.991
(0.039)
9º (ALL)
3.30 ± 0.050
(0.130 ± 0.002)
0.254
(0.010)
9.144 ± 0.508
(0.360 ± 0.020)
7.620 ± 0.254
(0.300 ± 0.010)
7.620 ± 0.127
(0.300 ± 0.005)
2.540 ± 0.127
(0.100 ± 0.005)
6 - 0.800 DIA.
(6 - 0.031 DIA.)
6.350 ± 0.127
(0.250 ± 0.005)
9º (ALL)
0.457 ± 0.076
(0.018 ± 0.003)
2.540 ± 0.127
(0.100 ± 0.005)
3.175
(0.125)
0.508
(0.020)
1.651
(0.065)
PIN #1
6.350 ± 0.127
(0.250 ± 0.005)
0.991
(0.039)
9.525
(0.375)
2.540 ± 0.127
(0.100 ± 0.005)
4-Pin Surface Mount (”GR” Suffix)
7.620 ± 0.254
(0.300 ± 0.010)
0.635 ± 0.254
(0.025 ± 0.010)
0.254
(0.010)
3.300 ± 0.050
(0.130 ± 0.002)
3.480 ± 0.076
(0.137 ± 0.003)
Recommended PCB Land Pattern
Dimensions
mm
(inches)
2.287
(0.09)
8.80
(0.346)
1.60
(0.063)
0.95
(0.037)
9º ± 1º
(ALL)
0.102 min / 0.254 max
(0.004 min / 0.010 max)
4.572 ± 0.127
(0.180 ± 0.005)
2.540 ± 0.127
(0.100 ± 0.005)
2.287 ± 0.127
(0.090 ± 0.005)


Similar Part No. - CPC1303

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1303 IXYS-CPC1303 Datasheet
129Kb / 6P
   Optocoupler with Single-Transistor Output
logo
Superworld Electronics
CPC130305 SUPERWORLD-CPC130305 Datasheet
295Kb / 2P
   1000 Base-T Magnetic Modules
logo
IXYS Corporation
CPC1303G IXYS-CPC1303G Datasheet
129Kb / 6P
   Optocoupler with Single-Transistor Output
CPC1303GR IXYS-CPC1303GR Datasheet
129Kb / 6P
   Optocoupler with Single-Transistor Output
CPC1303GRTR IXYS-CPC1303GRTR Datasheet
129Kb / 6P
   Optocoupler with Single-Transistor Output
More results

Similar Description - CPC1303

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1303 IXYS-CPC1303 Datasheet
129Kb / 6P
   Optocoupler with Single-Transistor Output
logo
Clare, Inc.
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
   Unidirectional-Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
   Optocoupler, Bidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
   Unidirectional Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
   Optocoupler: Unidirectional Input, Single-Transistor Output
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
   Single Linear Optocoupler
logo
Sensitron
SHD-4136-XXX SENSITRON-SHD-4136-XXX Datasheet
85Kb / 4P
   Transistor Output Optocoupler
logo
List of Unclassifed Man...
MTL6400U ETC-MTL6400U Datasheet
66Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com