Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53274 Datasheet(PDF) 5 Page - Micropac Industries

Part # 53274
Description  Solid State Relay SPST, 90VDC - 10A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53274 Datasheet(HTML) 5 Page - Micropac Industries

  53274 Datasheet HTML 1Page - Micropac Industries 53274 Datasheet HTML 2Page - Micropac Industries 53274 Datasheet HTML 3Page - Micropac Industries 53274 Datasheet HTML 4Page - Micropac Industries 53274 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
•• 905 E. Walnut St., Garland, TX 75040 •• (972) 272-3571 •• Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
12/3/03
Pg. 5 of 5
Ø.081
(4X)
.094
.025 MAX
.025 ±.002 DIA
(4 PLCS)
.500
.095 REF
.060 ±.030
.185
.500
.150
.600
1.060 ±.030
2
.100
3
.750
1
4
.040
53274
Solid State Relay SPST, 90VDC – 10A
Figure 6. Maximum Non-repetitive Output Current
Figure 7. Maximum Average Output Power
vs. Case Temperature (pulse width
≤ 10 ms).
Dissipation vs. Case Temperature.
CASE OUTLINE
0
10
20
30
40
50
-55
-25
5
35
65
95
125
Temperature (°C)
0
5
10
15
20
25
-55
-25
5
35
65
95
125
Temperature (°C)


Similar Part No. - 53274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274_17 Datasheet
61Kb / 5P
   Solid State Relay
More results

Similar Description - 53274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
53012 MICROPAC-53012 Datasheet
149Kb / 4P
   SPST SOLID-STATE RELAY
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
   SPST SOLID-STATE RELAY
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
   SPST SOLID-STATE RELAY
53024 MICROPAC-53024 Datasheet
112Kb / 3P
   SPST SOLID-STATE RELAY
53255 MICROPAC-53255 Datasheet
113Kb / 4P
   400VDC - 10A SOLID STATE RELAY
53254 MICROPAC-53254 Datasheet
145Kb / 4P
   40VDC - 10A SOLID STATE RELAY
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
   10A, 250Vac Optically Isolated AC Solid-State Relay
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com