Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1634Ry39 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FWLF1634Ry39
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634Ry39 Datasheet(HTML) 3 Page - Finisar Corporation.

  FWLF1634Ry39 Datasheet HTML 1Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 2Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 3Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 4Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 5Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 6Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 7Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 8Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 3
Rev C2, Feb.2009
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault
3
TDIS
Transmitter Disable. Laser output disabled on high or open
2
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID
3
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID
3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module
3
7
Rate Select
No connection required
4
8
LOS
Loss of Signal indication. Logic 0 indicates normal operation
5
9
VEER
Receiver Ground (Common with Transmitter Ground)
1
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. 100 ohm termination between TD+
and TD-, AC Coupled thereafter
19
TD-
Transmitter Inverted DATA in. See TD+
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3.
Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and 5.5V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4.
Receiver achieves multi-rate operation without active control.
5.
LOS is open collector output. Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and
5.5V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TXFault
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX Disable
VeeR
Diagram of Host Board Connector Block Pin Numbers and Names


Similar Part No. - FWLF1634Ry39

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL18 FINISAR-FWLF1634RL18 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL19 FINISAR-FWLF1634RL19 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL20 FINISAR-FWLF1634RL20 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Similar Description - FWLF1634Ry39

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com