Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1634Ry34 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FWLF1634Ry34
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634Ry34 Datasheet(HTML) 4 Page - Finisar Corporation.

  FWLF1634Ry34 Datasheet HTML 1Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 2Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 3Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 4Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 5Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 6Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 7Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 8Page - Finisar Corporation. FWLF1634Ry34 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 4
Rev C2, Feb.2009
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Maximum Supply Voltage
Vcc
-0.5
4.7
V
Storage Temperature
TS
-10
85
°C
Case Operating Temperature
TOP
-5
70
°C
III.
Electrical Characteristics (TOP = -5 to 70 °°°°C, VCC = 3.13 to 3.50 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.13
3.30
3.50
V
Supply Current
Icc
325
mA
BOL
Inrush Current
Isurge
Icc+30
mA
BOL
Maximum Power
Pmax
1.25
W
TRANSMITTER
Input differential impedance
Rin
100
1
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
2
RECEIVER
Single ended data output swing
Vout,pp
175
1000
mV
3
Data output rise time
tr
120
ps
4
Data output fall time
tf
120
ps
4
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
5
LOS Normal
VLOS norm
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1.
Connected directly to TX data input pins. AC coupled thereafter.
2.
Or open circuit.
3.
Into 100 ohms differential termination.
4.
20 – 80 %
5.
Loss of signal (LOS) is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6.
Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to specified
value applied through the recommended power supply filtering network.


Similar Part No. - FWLF1634Ry34

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL18 FINISAR-FWLF1634RL18 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL19 FINISAR-FWLF1634RL19 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL20 FINISAR-FWLF1634RL20 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Similar Description - FWLF1634Ry34

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com