Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1634Ry32 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FWLF1634Ry32
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634Ry32 Datasheet(HTML) 1 Page - Finisar Corporation.

  FWLF1634Ry32 Datasheet HTML 1Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 2Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 3Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 4Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 5Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 6Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 7Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 8Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 1
Rev C2, Feb.2009
Preliminary Product Specification
4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634Ryxx
PRODUCT FEATURES
Up to 4.25 Gb/s bi-directional links
Hot-pluggable SFP footprint
Temperature-stabilized DWDM-
rated DFB laser transmitter
100GHz ITU Grid, C-Band
Low dispersion DFB laser
Extended operating range: -5°C to
70°C case temperature
Wavelength controlled within ± 0.1
nm over life and temperature
Extended link budget with APD
receiver technology
4x FC compliant
1x/2x, GbE compliant*
OC-48 LR-2 compliant*
APPLICATIONS
Amplified DWDM networks
Bandwidth aggregation
Ring topologies with fixed and
reconfigurable OADMs
Finisar’s Dense Wavelength-Division Multiplexing (DWDM) transceivers offer DWDM
transport with dramatically lower power and cost in a standard pluggable Small Form
Factor Pluggable (SFP) package
1. The FWLF1634R is designed expressly for service
providers deploying DWDM networking equipment in metropolitan access and core
networks.
Basic digital diagnostic features for the FWLF1634R are implemented as described in
Finisar Application Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
4. Enhanced diagnostic features are available as described in the DWDM
SFP MSA
6.
(*when ordered with rate selection option, and used in low rate mode)


Similar Part No. - FWLF1634Ry32

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL18 FINISAR-FWLF1634RL18 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL19 FINISAR-FWLF1634RL19 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL20 FINISAR-FWLF1634RL20 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Similar Description - FWLF1634Ry32

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com