Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1524P2V59 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FWLF1524P2V59
Description  4 Gigabit RoHS Compliant CWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1524P2V59 Datasheet(HTML) 4 Page - Finisar Corporation.

  FWLF1524P2V59 Datasheet HTML 1Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 2Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 3Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 4Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 5Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 6Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 7Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 8Page - Finisar Corporation. FWLF1524P2V59 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FWLF1524P2Vxx SFP Product Specification – October 2006
F i n i s a r
© Finisar Corporation October 31, 2006 Rev C Preliminary
Page 4
IV. Optical Characteristics (TOP = -5 to 75
°C, V
CC = 3.13 to 3.50 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Power (Rate Select High)
PO,RH
1
+5
dBm
1
Output Opt. Power (Rate Select Low)
PO,RL
1
+5
dBm
2
Optical Wavelength
λ
X-6.5
X
X+6.5
nm
3
Spectral Width
σ
1
nm
3
Optical Modulation Amplitude
OMA
290
µW
4
Optical Extinction Ratio (High Rate Select)
ER
4
dB
Optical Extinction Ratio (Low Rate Select)
ER
9
dB
Optical Rise/Fall Time = 4.25 Gb/s
tr/ tf
105
ps
5
Optical Rise/Fall Time
≤ 2.125 Gb/s
tr/ tf
160
ps
6
RIN
-118
dB/Hz
Deterministic Jitter Contribution = 4.25 Gb/s
TX
DJ
28.2
ps
7
Total Jitter Contribution = 4.25 Gb/s
TX
TJ
59.8
ps
Deterministic Jitter Contribution
≤ 2.125 Gb/s
TX
DJ
56.5
ps
7
Total Jitter Contribution
≤ 2.125 Gb/s
TX
TJ
119
ps
Receiver
Receiver Sensitivity = 4.25 Gb/s
RSENSr
0.029
-16.5
mW
dBm
8
9
Receiver Sensitivity = 2.125 Gb/s
RSENS2
0.015
-20.5
mW
dBm
8
9
Receiver Sensitivity = 1.06 Gb/s
RSENS1
0.015
-22.0
mW
dBm
8
10
Receiver Sensitivity = 1.25 Gb/s
RSENS1
-22
dBm
10
Stressed RX sens. = 1.25 Gb/s
-14.5
dBm
Average Received Power
RxMAX
0
dBm
Receiver Elec. 3 dB cutoff freq.
1500
MHz
11
Receiver Elec. 3 dB cutoff freq.
2500
MHz
12
Optical Center Wavelength
λ
C
1450
1620
nm
Return Loss
12
dB
LOS De-Assert
LOSD
-19
dBm
LOS Assert
LOSA
-30
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
High Bandwidth Mode. Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
2.
Low Bandwidth Mode. Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
3.
Over case temperature of -5 to 75 °C. The Transmitter Center Wavelength “X” is as specified by the customer.
The current available wavelengths are: 1471, 1491, 1511, 1531, 1551, 1571, 1591, and 1611 nm. Please see the
“Product Selection” section on page 1.
4.
Equivalent extinction ratio specification for Fibre Channel. Allows smaller ER at higher average power.
5.
Unfiltered, 20-80%.
6.
Unfiltered, 20-80%. Complies with IEEE 802.3 (Gig. E), FC 1x and 2x eye masks when filtered.
7.
Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ and
DJ.
8.
Measured with conformance signals defined in FC-PI-2 Rev. 10.0 specifications. Value in OMA. Measured with
PRBS 2
7-1 at 10-12 BER
9.
Represents sensitivity at minimum Extinction Ratio with rate select high. Measured with PRBS 2
7-1 at 10-12 BER.
10. Represents sensitivity at minimum Extinction Ratio with rate select low. Measured with PRBS 2
7-1 at 10-12 BER
11. Rate Selectable version in low bandwidth mode.
12. Rate Selectable version in high bandwidth mode.


Similar Part No. - FWLF1524P2V59

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FWLF1524P2VXX FRONTIER-FWLF1524P2VXX Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FWLF1524P2V59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com