Electronic Components Datasheet Search |
|
FWLF1634Ry20 Datasheet(PDF) 6 Page - Finisar Corporation. |
|
FWLF1634Ry20 Datasheet(HTML) 6 Page - Finisar Corporation. |
6 / 10 page FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009 F i n i s a r © Finisar Corporation PRELIMINARY Page 6 Rev C2, Feb.2009 V. Optical Parameters 1 Parameter Symbol Min Typ Max Units Notes/Conditions TRANSMITTER CHARACTERISTICS Center Wavelength Spacing 100 GHz Corresponds to approximately 0.8 nm Modulated Spectral Width ∆λ 20 0.2 0.3 nm Full width, -20dB from max. See note 3 Center Wavelength – End of Life λc X - 100 X X + 100 pm X = specified center wavelength Center Wavelength – BOL Offset λc Y - 25 Y Y + 25 pm Y = specified center wavelength Side Mode Suppression Ratio SMSR 30 dB Modulated Optical Rise/Fall Time tr / tf 120 ps Unfiltered, 80% -20% Optical Output Power Pout +2 +5 dBm Avg. power coupled into SMF-28; see note 4 Extinction Ratio, (<=4.25G) OMI 6.0 dB EOL Extinction Ratio, SONET OMI 8.2 dB EOL, Rate Select Option Only Eye Opening 10 % Jitter Generation, SONET 75 mUI Parameters per GR-253 2 section 5.6 for OC-48 B Total Jitter 59.8 ps (p-to-p) Deterministic Jitter 28.2 ps (p-to-p) Reflectance RTX -27 dB Tolerable Back Reflection BR -14 dB See note 5 Relative Intensity Noise RIN -120 dB/Hz Dispersion Power Penalty DPP 3.0 dB At 1600 ps/nm. See Note 6 RECEIVER CHARACTERISTICS Optical Input Wavelength Pin 1520 1570 nm Jitter Generation , SONET 75 mUI Parameters per GR-253 2 section 5.6 for OC-48 B Total Jitter 61.8 ps (p-to-p) Deterministic Jitter 25.9 ps (p-to-p) Optical Input Power (BER < 10 -12) Pin -28 -9 dBm 2.5 Gb/s w/ PRBS 2 23 -1 EOL, & rate select low option implemented Optical Input Power (BER < 10 -12) Pin -23 -9 dBm 4.25 Gb/s w/ PRBS 2 7 -1 EOL Optical Input Power – Receiver Damage Threshold +6 dBm Receiver Reflectance RRX -27 dB Min-Required OSNR 0ps/nm OSNRbb 22 dB See Note 7 Min-Required OSNR 1600ps/nm OSNRt 25 dB See Note 7 Notes: 1. Parameters are specified over temperature and voltage, at end of life, and for non-rate select option unless otherwise noted. 2. All parameters are measured on a Finisar SFP Evaluation Card unless otherwise noted. 3. For accurate ∆λ20 measurements, an OSA with a resolution band width of ≤ 20pm is recommended. 4. Output power of +3 to +7dBm is also supported; please contact your local Finisar sales representatives for details. 5. Tolerable back reflection is the max back reflection level at which the power penalty will be <1dB. Power penalty is measured over fiber (1600ps/nm) at BER = 10 -12 with OSNR set at 24dB. 6. Dispersion power penalty is measured in loop back with OSNR set to 30 dB. Data rate and pattern used same as specified for Optical Input Power. Dispersion power penalty is the difference in Rx power at a BER of 10 -12 for 0ps/nm & 1600ps/nm 7. Rx power set between -9dBm and -18dBm. Data rate and pattern used same as specified for Optical Input Power. Measured as the Minimum OSNR to achieve a BER of 10 -12 . Optical filter bandwidth of 0.1nm is used in OSNR measurement. |
Similar Part No. - FWLF1634Ry20 |
|
Similar Description - FWLF1634Ry20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |