Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1524P2V55 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FWLF1524P2V55
Description  4 Gigabit RoHS Compliant CWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1524P2V55 Datasheet(HTML) 1 Page - Finisar Corporation.

  FWLF1524P2V55 Datasheet HTML 1Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 2Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 3Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 4Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 5Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 6Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 7Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 8Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
© Finisar Corporation October 31, 2006 Rev C - Preliminary
Page 1
Preliminary Product Specification
4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1524P2Vxx
PRODUCT FEATURES
• Up to 4.25Gb/s bi-directional
data links
• Hot-pluggable SFP footprint
• Built-in digital diagnostic functions
• CWDM DFB laser transmitter
• Duplex LC connector
• RoHS compliant and Lead Free
• Up to 40 km on 9/125µm SMF at
4.25 Gb/s
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Commercial operating temperature
range: -5°C to 75°C
APPLICATIONS
• Metro Access Rings and Point-to-
Point networking for Gigabit
Ethernet and Fibre Channel
• Link concatenation/aggregation
Finisar’s FWLF1524P2Vxx Small Form Factor Pluggable (SFP) transceiver is
compatible with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)1.
The transceiver is designed for operation in Metro Access Rings and Point-to-Point
networks using Fibre Channel
2 Gigabit Ethernet3 networking equipment by selecting the
appropriate line rate. The FWLF1524P2Vxx available in eight different CWDM
wavelengths; and is RoHS compliant and lead-free per Directive 2002/95/EC
4 and Finisar
Application Note AN-2038
5.
PRODUCT SELECTION
FWLF1524P2Vxx
Wavelength
xx
Clasp Color
Code
Wavelength
xx
Clasp Color
Code
1471 nm
47
Gray
1551 nm
55
Yellow
1491 nm
49
Violet
1571 nm
57
Orange
1511 nm
51
Blue
1591 nm
59
Red
1531 nm
53
Green
1611 nm
61
Brown


Similar Part No. - FWLF1524P2V55

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FWLF1524P2VXX FRONTIER-FWLF1524P2VXX Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FWLF1524P2V55

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com