Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWDM-1619-7D-53 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FWDM-1619-7D-53
Description  WDM SFP Transceiver with APD Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1619-7D-53 Datasheet(HTML) 4 Page - Finisar Corporation.

  FWDM-1619-7D-53 Datasheet HTML 1Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 2Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 3Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 4Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 5Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 6Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 7Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 8Page - Finisar Corporation. FWDM-1619-7D-53 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FWDM-1619-7D-xx SFP Product Specification May 2003
F i n i s a r
© Finisar Corporation May 2003 Rev.D
Page 4
3.
Into 100 ohms differential termination.
4.
20 – 80 %
5.
Loss Of Signal is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6.
Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to
specified value applied through the recommended power supply filtering network.
IV.
Optical Characteristics (TOP = 0 to 70 °C, VCC = 3.15 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr (End of Life)
POUT
+0
+5
dBm
1
Optical Wavelength
λ
(x-4)
(x+1)
(x+7)
nm
Wavelength Temperature Dependance
0.08
0.125
nm/°C
Spectral Width (-20dB)
σ
1
nm
Optical Extinction Ratio
ER
9
dB
Sidemode Supression ratio
SSRmin
30
dB
Optical Rise/Fall Time
tr/ tf
180
ps
2
RIN
RIN
-120
dB/Hz
Transmitter Jitter (peak to peak)
100
ps
Receiver
Average Rx Sensitivity
RSENS2
-29
dBm
3
Maximum Input Power
PMAX
-7
dBm
Optical Center Wavelength
λ
C
1270
1620
nm
LOS De -Assert
LOSD
-32
dBm
LOS Assert
LOSA
-42
dBm
LOS Hysteresis
1.0
dB
Receiver Jitter Generation (peak to peak)
160
ps
4
Dispersion Penalty at 100km
2.5
dB
3,5
Notes:
1.
Over case temperature of 0 to 70 °C. The Transmitter Center Wavelength “x” is as specified by the
customer. The current available wavelengths are: 1470, 1490, 1510, 1530, 1550, 1570, 1590, and 1610
nm. Please see the “Product Selection” section on page 1.
2.
Unfiltered
3.
Worst-case extinction ratio. Measured with a PRBS 2
7-1 test pattern, @1.25Gb/s, BER<10-12 , EOL
4.
Jitter added by receiver (peak to peak). Measured at –29dBm average Rx sensitivity, PRBS 2
7-1 test
pattern.
5.
Measured using 9/12
5υm SMF-28.


Similar Part No. - FWDM-1619-7D-53

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWDM-1619-7D-53

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
logo
Eudyna Devices Inc
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com