Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI-8000A Datasheet(PDF) 3 Page - Sanken electric

Part # SPI-8000A
Description  Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPI-8000A Datasheet(HTML) 3 Page - Sanken electric

  SPI-8000A Datasheet HTML 1Page - Sanken electric SPI-8000A Datasheet HTML 2Page - Sanken electric SPI-8000A Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
54
ICs
■Ta-PD Characteristics
■Typical Connection Diagram
SPI-8010A
C1: 220
µF/63V
C2: 470
µF/25V
C3: 0.1
µF
C4: 1000pF
C5: 0.1
µF
C6: 0.047
µF
C7: 0.1
µF
C8: 0.1
µF
C9: 6800pF
R1: 47
L1: 47
µH
D1: SPB-G56S
(Sanken)
Diode D1
• Be sure to use a Schottky-barrier diode for D1. If other diodes like fast recovery diodes are used, ICs may be destroyed because of the reverse voltage
generated by the recovery voltage or ON voltage.
Choke coil L1
• If the winding resistance of the choke coil is too high, the efficiency may drop below the rated value.
• As the overcurrent protection starting current is about 4.5A, take care concerning heat radiation from the choke coil caused by magnetic saturation due to
overload or short-circuited load.
Capacitors C1, C2
• As large ripple currents flow through C1 and C2, use high-frequency and low-impedance capacitors aiming for switching-mode-power-supply use. Especially
when the impedance of C2 is high, the switching waveform may become abnormal at low temperatures. For C2, do not use a capacitor with an extremely low
equivalent series resistance (ESR) such as an OS capacitor or a tantalum capacitor, which may cause an abnormal oscillation.
Resistors R2, R3
•R2 and R3 are the resistors to set the output voltage. Set their values so that IREF becomes approx. 2mA. Obtain R2 and R3 values by the following formula:
To create the optimum operating conditions, place the components as close as possible to each other.
Reg
CE/SS
53
4
VIN
SWOUT
VREF
VIN
GND
V0
GND
11
C5
Comp
14
12
C6
C9
C3
D1
L1
R2
R3
IREF
AGND
DGND
B.S
SPI-8010A
1
15
7
R1
C4
C1
C7
+
C2
C8
+
Note 1: The efficiency depends on the input voltage and the output cur-
rent. Therefore, obtain the value from the efficiency graph and
substitute the percentage in the formula above.
Note 2: Thermal design for D1 must be considered separately.
VO : Output voltage
VIN : Input voltage
IO : Output current
ηχ : Efficiency (%)
VF : Diode D1 forward voltage
SPB-G56S···0.4V(IO=2A)
3.00
2.50
2.00
1.50
1.00
0.50
0
–30
0
25
50
75
100
125
Ambient Temperature Ta (
°C)
j-a:62.5
°C/W(0.84cm2)
j-a:47.6
°C/W(8.64cm2)
j-a:41.7
°C/W(30.8cm2)
θ
θ
θ
PD=VO • IO
100
–1 –VF • IO 1–
VO
ηχ
VIN
1-1-2 Switching Mode Regulator ICs
R2=
(VOUT–VREF)
=
(VOUT–1)
(
Ω), R3 =
VREF
=
1
500(
Ω)
IREF
2
×10–3
IREF
2
×10–3
=
.
.


Similar Part No. - SPI-8000A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8000A SANKEN-SPI-8000A_11 Datasheet
83Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results

Similar Description - SPI-8000A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JD SANKEN-SI-8000JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD_10 Datasheet
47Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com