Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8000SD Datasheet(PDF) 4 Page - Sanken electric

Part # SI-8000SD
Description  Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000SD Datasheet(HTML) 4 Page - Sanken electric

  SI-8000SD Datasheet HTML 1Page - Sanken electric SI-8000SD Datasheet HTML 2Page - Sanken electric SI-8000SD Datasheet HTML 3Page - Sanken electric SI-8000SD Datasheet HTML 4Page - Sanken electric SI-8000SD Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
sTypical Characteristics Examples (SI-8033SD)
Efficiency
Output voltage rise
Load regulation
Overcurrent protection characteristics
Thermal protection
Temperature characteristics
0
0.5
1.0
1.5
2.0
2.5
3.0
Output current IO (A)
6V
8V
15V
VIN=28V
100
90
80
70
60
50
40
30
Ta=25
°C
6
012345
5
4
3
2
1
0
Output current IO (A)
VIN=6V 15V 28V
Ta=25
°C
02468
10
12
5
4
3
2
1
0
Input voltage VIN (V)
1A
3A
IO=0A
*Load=C.C Ta=25
°C
50
75
100
125
150
175
200
5
4
3
2
1
0
Ambient temperature Ta (
°C)
TSD OFF
TSD ON
VIN=15V, IO=0A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.40
3.35
3.30
3.25
3.20
3.15
Output current IO (A)
VIN=28V
15V
8V
6V
Ta=25
°C
–50
–25
0
25
50
75
100
90
80
70
60
50
40
3.40
3.35
3.30
3.25
3.20
3.15
Ambient temperature Ta (
°C)
VO
η
Freq
VIN=15V, IO=1A
qSI-8000SD Series


Similar Part No. - SI-8000SD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000SD SANKEN-SI-8000SD Datasheet
47Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD_10 Datasheet
47Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8000SD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JD SANKEN-SI-8000JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD_10 Datasheet
47Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com