Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1004N Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1004N
Description  4 Pin SOP OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004N Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1004N_1 Datasheet HTML 1Page - Clare, Inc. CPC1004N_1 Datasheet HTML 2Page - Clare, Inc. CPC1004N_1 Datasheet HTML 3Page - Clare, Inc. CPC1004N_1 Datasheet HTML 4Page - Clare, Inc. CPC1004N_1 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1004N
R05
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F =50mA
I
F =10mA
I
F =5mA
Typical LED Forward Voltage Drop
vs. Temperature
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-On vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off vs. LED Forward Current
(I
L=100mA)
-40
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
110
Typical On-Resistance vs. Temperature
(I
L=300mA)
I
F = 10mA
I
F = 5mA
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mA)
Temperature (ºC)
Load Voltage (V)
300
200
100
0
-100
-200
-300
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=5mA)
Time
10μs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100μs
100ms
1s
10ms
10s
100s
Energy Rating Curve


Similar Part No. - CPC1004N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1004NTR CLARE-CPC1004NTR Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1004NTR IXYS-CPC1004NTR Datasheet
172Kb / 6P
   100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1004N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1225N CLARE-CPC1225N Datasheet
114Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1009N CLARE-CPC1009N Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com